Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLQ015XX28 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLQ015XX28
Description  150 mA, ultra-low quiescent current linear voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015XX28 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLQ015XX28 Datasheet HTML 3Page - STMicroelectronics STLQ015XX28 Datasheet HTML 4Page - STMicroelectronics STLQ015XX28 Datasheet HTML 5Page - STMicroelectronics STLQ015XX28 Datasheet HTML 6Page - STMicroelectronics STLQ015XX28 Datasheet HTML 7Page - STMicroelectronics STLQ015XX28 Datasheet HTML 8Page - STMicroelectronics STLQ015XX28 Datasheet HTML 9Page - STMicroelectronics STLQ015XX28 Datasheet HTML 10Page - STMicroelectronics STLQ015XX28 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STLQ015xx
Electrical characteristics
Doc ID 17285 Rev 2
7/17
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
IOUT = 0
1.5
5.5
V
-40°C < TJ < 125°C, IOUT = 150mA
1.55
5.5
VOUT
VOUT accuracy
IOUT = 1mA
-2
2
%
IOUT = 1mA, VOUT < 1V
-20
+20
mV
IOUT = 1mA, -40°C < TJ < 125°C
-3
3
%
ΔV
OUT-
LINE
Static line regulation
VOUT +1V ≤ VIN ≤ 5.5V, IOUT = 1mA
±0.01
%/V
ΔV
OUT-
LOAD
Static load regulation
IOUT = 1mA to 150mA
±0.002
%/mA
VDROP Dropout voltage
(1)
IOUT = 150mA
112
mV
IOUT = 150mA, -40°C < TJ < 125°C
300
eN
Output noise voltage
10kHz to 100kHz, IOUT = 10mA,
VOUT = 0.8V
75
µVRMS
SVR
Supply voltage rejection
VOUT = 0.8V
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.1V, Freq. = 1kHz
IOUT = 10mA
40
dB
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.1V, Freq.=10kHz
IOUT = 1mA
30
VIN = VOUTNOM + 1V +/-VRIPPLE
VRIPPLE = 0.1V, Freq.=100kHz
IOUT = 1mA
15
IQ
Quiescent current
IOUT = 0
1.0
1.7
µA
IOUT = 0 to 150mA,
-40°C < TJ < 125°C
1.7
2.4
IOFF
Shutdown current (2)
VIN input current in OFF mode:
VEN = GND, -40°C < TJ < 125°C
1
200
nA
ISC
Short circuit current
RL = 0
250
350
mA
VEN
Enable input logic low
VIN = 1.5V to 5.5V
0.4
V
Enable input logic high
VIN = 1.5V to 5.5V
0.7
V
IEN
Enable pin input current
VEN = 5.5V
1
200
nA
TON
Turn-on time (3)
VOUT = 0.8 V, IOUT = 150 mA
160
µs
TSHDN
Thermal shutdown
170
°C
Hysteresis
180


Similar Part No. - STLQ015XX28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
   NFC Dynamic Tag sensor node evaluation board
Rev 3 - June 2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
More results

Similar Description - STLQ015XX28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com