Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK105M050A9BAA Datasheet(PDF) 1 Page - Kemet Corporation

Part # EDK105M050A9BAA
Description  SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EDK105M050A9BAA Datasheet(HTML) 1 Page - Kemet Corporation

  EDK105M050A9BAA Datasheet HTML 1Page - Kemet Corporation EDK105M050A9BAA Datasheet HTML 2Page - Kemet Corporation EDK105M050A9BAA Datasheet HTML 3Page - Kemet Corporation EDK105M050A9BAA Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ARCOTRONICS
25
EDK Aluminium Electrolytic Capacitors
09/2006
SMD Surface mount lead terminals – General Purpose 85°C / 2000 h
Description
Features
Capacitor for high density printed circuit board.
Low profile vertical chip.
Applications
Marking
Coupling, decoupling, by-pass, filtering.
Series (G), Rated voltage (Vdc), Capacitance (F)
Negative polarity: black line
Diagram of dimensions (Units=mm)
Rated voltage
4 to 450 Vdc
Operating temperature
-40 to 85°C
Capacitance range
0.1F to 1000F
Capacitance tolerance
± 20% at 120Hz / 20°C
Endurance test
2000 hours (see conditions in Test method and performance)
I = 0.01 CV (A) or 3A whichever is greater for rated voltage  100 V
I = 0.04 CV + 100 (A) for rated voltage  160 V
Leakage current
C = rated capacitance (F); V = rated voltage (Vdc)
(after than D.C. rated working voltage at 20°C has been applied for 2 min)
4 Vdc Rated voltage - 5 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
22
4 x 5.4
35
19
3
EDK226M004A9BAA
33
4 x 5.4
35
26
3
EDK336M004A9BAA
47
4 x 5.4
35
34
3
EDK476M004A9BAA
100
5 x 5.4
35
61
4
EDK107M004A9DAA
220
6.3 x 5.4
35
82
9
EDK227M004A9GAA
Electrical characteristics
Impedance Z characteristics at 120 Hz
Compensation factor of ripple current (R.C.) vs. frequency
Compensation factor of ripple current (R.C.) vs. temperature
Technical data and ordering codes
ØD
L
H
H1
A
B
C
P
4,0 5,4 +0,25/-0,1 5,5 MAX
4,3 ±0,2 0,65 ±0,1 1,8 ±0,2
0,35 ±0,2 1,0 ±0,2
5,0 5,4 +0,25/-0,1 6,5 MAX
5,3 ±0,2 0,65 ±0,1 2,2 ±0,2
0,35 ±0,2 1,5 ±0,2
6,3 5,4 +0,25/-0,1 7,8 MAX
6,6 ±0,2 0,65 ±0,1 2,6 ±0,2
0,35 ±0,2 1,8 ±0,2
6,3
7,7 ±0,3
7,8 MAX
6,6 ±0,2 0,65 ±0,1 2,6 ±0,2
0,35 ±0,2 1,8 ±0,2
8,0
6,2 ±0,3
9,5 MAX
8,3 ±0,2 0,65 ±0,1 3,4 ±0,2
0,35 ±0,2 2,0 ±0,2
8,0
10,2 ±0,3
10 MAX
8,3 ±0,2 0,90 ±0,2 3,4 ±0,2
0,70 ±0,2 3,4 ±0,2
10,0
10,2 ±0,3
13 MAX
10,3 ±0,2 0,90 ±0,2 3,5 ±0,2
0,70 ±0,2 4,6 ±0,2
12,5
13,5 ±0,5
15,2 MAX 12,8 ±0,2 1,25 ±0,2 4,9 ±0,2
1,0 ±0,2 4,6 ±0,2
12,5
16,0 ±0,5
15,2 MAX 12,8 ±0,2 1,25 ±0,2 4,9 ±0,2
1,0 ±0,2 4,6 ±0,2
16,0
16,5 ±1.0
18,7 MAX 16,3 ±0,2 2,0 ±0,2 5,8 ±0,2
1,0 ±0,2 6,0 ±0,2
Rated Voltage (Vdc)
4
6.3
10
16
25
35
50
63
100
160
200
250
400
450
Z (-25°C) / Z (20°C)
7
4
3
2
2
2
2
2
2
3
3
3
6
6
Z (-40°C) / Z (20°C)
15
8
6
4
4
3
3
3
3
6
6
6
10
10
Rated voltage
60 Hz
120 Hz
1 KHz
10 KHz
4 to 100 Vdc
0.80
1.00
1.15
1.25
160 to 450 Vdc
0.70
1.00
1.40
1.60
Rated voltage
50°C
75°C
85°C
4 to 100 Vdc
1.36
1.25
1.00
160 to 450 Vdc
1.60
1.25
1.00


Similar Part No. - EDK105M050A9BAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK106M025A9BAA KEMET-EDK106M025A9BAA Datasheet
30Kb / 1P
   Aluminum Electrolytic Capacitors
EDK106M035A9BAA KEMET-EDK106M035A9BAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 35 V, -40/85C
EDK106M050A9GAA KEMET-EDK106M050A9GAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 50 V, -40/85C
logo
Taiyo Yuden (U.S.A.), I...
EDK107BJ105KA-T TAIYO-YUDEN-EDK107BJ105KA-T Datasheet
25Kb / 1P
   Part Numbering Change Incorporating EIA Temperature Characteristic
logo
Kemet Corporation
EDK107M063A9PAA KEMET-EDK107M063A9PAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 100 uF, 20%, 63 V, -40/85C
More results

Similar Description - EDK105M050A9BAA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Kemet Corporation
R75UW36805030J KEMET-R75UW36805030J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW35605040J KEMET-R75UW35605040J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.56 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW41005030J KEMET-R75UW41005030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R76UW33305030J KEMET-R76UW33305030J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.33 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com