Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39115J15R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39115J15R
Description  150 mA low quiescent current low noise voltage regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J15R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39115J15R Datasheet HTML 1Page - STMicroelectronics LD39115J15R Datasheet HTML 2Page - STMicroelectronics LD39115J15R Datasheet HTML 3Page - STMicroelectronics LD39115J15R Datasheet HTML 4Page - STMicroelectronics LD39115J15R Datasheet HTML 5Page - STMicroelectronics LD39115J15R Datasheet HTML 6Page - STMicroelectronics LD39115J15R Datasheet HTML 7Page - STMicroelectronics LD39115J15R Datasheet HTML 8Page - STMicroelectronics LD39115J15R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
December 2011
Doc ID 15527 Rev 5
1/23
23
LD39115Jxx
150 mA low quiescent current
low noise voltage regulator
Features
Input voltage from 1.5 to 5.5 V
Ultra low dropout voltage (80 mV typ. at 100
mA load)
Very low quiescent current (20 µA typ. at no
load, 35 µA typ. at 150 mA load, 1 µA max in off
mode)
Very low noise (33 µVRMS from 1 kHz to 100
kHz at VOUT = 1.8 V)
Output voltage tolerance: ± 2.0 % @ 25 °C
150 mA guaranteed output current
Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step
Logic-controlled electronic shutdown
Compatible with ceramic capacitor COUT = 1 µF
Internal current and thermal limit
Flip-chip 4 bumps 0.8 x 0.8 mm. pitch
Temperature range: -40 °C to 125 °C
Applications
Mobile phones
Personal digital assistants (PDAs)
Cordless phones and similar battery-powered
systems
Description
The LD39115Jxx provides 150 mA maximum
current from an input voltage ranging from 1.5 V
to 5.5 V with a typical dropout voltage of 80 mV. It
is stabilized with a ceramic capacitor. The ultra
low drop voltage, low quiescent current and low
noise features make it suitable for low power
battery-powered applications. Power supply
rejection is 65 dB at low frequencies and starts to
roll off at 10 kHz. An enable logic control function
puts the LD39115Jxx in shutdown mode allowing
a total current consumption lower than 1 µA. The
device also includes a short-circuit constant
current limiting and thermal protection.
Flip-chip 4
Table 1.
Device summary
Part numbers
Order codes
Output voltages
LD39115JXX12
LD39115J12R
1.2 V
LD39115JXX15
LD39115J15R
1.5 V
LD39115JXX18
LD39115J18R
1.8 V
LD39115JXX25
LD39115J25R
2.5 V
LD39115JXX28
LD39115J28R
2.8 V
LD39115JXX30
LD39115J30R
3.0 V
LD39115JXX33
LD39115J33R
3.3 V
www.st.com


Similar Part No. - LD39115J15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115J15R STMICROELECTRONICS-LD39115J15R Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
More results

Similar Description - LD39115J15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com