Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK474M050A9BAA Datasheet(PDF) 3 Page - Kemet Corporation

Part # EDK474M050A9BAA
Description  SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EDK474M050A9BAA Datasheet(HTML) 3 Page - Kemet Corporation

  EDK474M050A9BAA Datasheet HTML 1Page - Kemet Corporation EDK474M050A9BAA Datasheet HTML 2Page - Kemet Corporation EDK474M050A9BAA Datasheet HTML 3Page - Kemet Corporation EDK474M050A9BAA Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARCOTRONICS
27
EDK Aluminium Electrolytic Capacitors
09/2006
SMD Surface mount lead terminals – General Purpose 85°C / 2000 h
25 Vdc Rated voltage - 32 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
1
4 x 5.4
16
9
3
EDK105M025A9BAA
2.2
4 x 5.4
16
14
3
EDK225M025A9BAA
4.7
3 x 5.4
16
11
3
EDK475M025A9AAA
4.7
4 x 5.4
14
22
3
EDK475M025A9BAA
10
5 x 5.4
14
28
3
EDK106M025A9DAA
22
5 x 5.4
14
45
5
EDK226M025A9DAA
22
6.3 x 5.4
14
55
6
EDK226M025A9GAA
33
6.3 x 5.4
14
65
8
EDK336M025A9GAA
47
6.3 x 5.4
20
70
12
EDK476M025A9GAA
47
8 x 6.2
16
96
12
EDK476M025A9LAA
68
6.3 x 7.7
20
95
17
EDK686M025A9HAA
100
6.3 x 7.7
16
135
25
EDK107M025A9HAA
100
8 x 6.2
16
145
25
EDK107M025A9LAA
100
8 x 10.2
16
180
25
EDK107M025A9MAA
220
8 x 10.2
16
300
55
EDK227M025A9MAA
220
10 x 10.2
16
310
55
EDK227MO25A9PAA
330
10 x 10.2
16
350
82
EDK337M025A9PAA
470
10 x 10.2
16
450
117
EDK477M025A9PAA
35 Vdc Rated voltage - 44 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
2.2
4 x 5.4
12
8
3
EDK225M035A9BAA
3.3
4 x 5.4
12
10
3
EDK335M035A9BAA
4.7
4 x 5.4
12
22
3
EDK475M035A9BAA
10
5 x 5.4
12
30
4
EDK106M035A9DAA
22
5 x 5.4
14
47
8
EDK226M035A9DAA
22
6.3 x 5.4
12
60
8
EDK226M035A9GAA
33
8 x 6.2
14
130
12
EDK336M035A9LAA
47
6.3 x 5.4
14
135
16
EDK476M035A9GAA
47
8 x 6.2
14
165
16
EDK476M035A9LAA
100
6.3 x 7.7
14
145
35
EDK107M035A9HAA
100
10 x 10.2
14
210
35
EDK107M035A9PAA
220
10 x 10.2
14
310
77
EDK227M035A9PAA
330
10 x 10.2
14
380
115
EDK337M035A9PAA
50 Vdc Rated voltage - 63 Vdc Surge voltage
Rated capacitance
Case size
D.F.
R.C.
L.C.
120 Hz 20°C
SIZE DxL
120 Hz 20°C
120 Hz 85°C
20°C 2 min.
Arcotronics P/N
(F)
(mm)
(tan %)
(mArms)
(A)
0.1
4 x 5.4
12
1
3
EDK104M050A9BAA
0.22
4 x 5.4
12
2
3
EDK224M050A9BAA
0.33
4 x 5.4
12
3
3
EDK334M050A9BAA
0.47
4 x 5.4
12
5
3
EDK474M050A9BAA
1
4 x 5.4
12
10
3
EDK105M050A9BAA
2.2
4 x 5.4
12
16
3
EDK225M050A9BAA
3.3
4 x 5.4
12
16
3
EDK335M050A9BAA
4.7
4 x 5.4
12
20
3
EDK475M050A9BAA
4.7
5 x 5.4
12
23
3
EDK475M050A9BAA
10
6.3 x 5.4
12
35
5
EDK106M050A9GAA
22
8 x 6.2
12
110
11
EDK226M050A9LAA
33
8 x 10.2
12
120
16.5
EDK336M050A9MAA
47
6.3 x 7.7
12
98
23.5
EDK476M050A9HAA
47
10 x 10.2
12
130
23.5
EDK476M050A9PAA
100
8 x 10.2
12
165
50
EDK107M050A9MAA
100
10 x 10.2
12
190
50
EDK107M050A9PAA
220
10 x 10.2
12
300
110
EDK227M050A9PAA


Similar Part No. - EDK474M050A9BAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK476M016A9DAA KEMET-EDK476M016A9DAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 47 uF, 20%, 16 V, -40/85C
EDK477M016A9MAA KEMET-EDK477M016A9MAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 470 uF, 20%, 16 V, -40/85C
More results

Similar Description - EDK474M050A9BAA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Kemet Corporation
R75UW36805030J KEMET-R75UW36805030J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW35605040J KEMET-R75UW35605040J Datasheet
52Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 0.56 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R75UW41005030J KEMET-R75UW41005030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
R76UW33305030J KEMET-R76UW33305030J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, General Purpose, 0.33 uF, 5%, 2000 VDC, 85째C, Lead Spacing = 37.5mm
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com