Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM05-1A6906 Datasheet(PDF) 1 Page - Meder Electronic

Part # HM05-1A6906
Description  High Voltage Reed Relays for PCB Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HM05-1A6906 Datasheet(HTML) 1 Page - Meder Electronic

  HM05-1A6906 Datasheet HTML 1Page - Meder Electronic HM05-1A6906 Datasheet HTML 2Page - Meder Electronic HM05-1A6906 Datasheet HTML 3Page - Meder Electronic HM05-1A6906 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MEDER electronic
166
www.meder.com
High Voltage Reed Relays
for PCB Mounting
HM Series
High voltage test sets
Cable testers
Medical equipment (RF surgery)
High voltage Reed Relays for PCB mounting suitable
for switching up to 10 kVDC with breakdown voltages
up to 15 kVDC. This series is available with high
voltage cables. Standard relays available in 1 Form A
and 1 Form B switching configurations.
DESCRIPTION
DIMENSIONS
All dimensions in mm [inch]
APPLICATIONS
FEATURES
Power switching up to 50 W available
Special pin outs available
1 Form A and 1 Form B are standard
Various cable lengths available
32 mm spacing between contact and coil
available
68±0.5
[2.677±0.02]
[2.677±0.02]
[2.677±0.02]
[0.748±0.02]
68±0.5
19±0.5
19±0.5
AWG20
Silicone high-voltage wire
UL-Style 3239
cable ends tinned
HMxx-1Axx-150
HMxx-1Bxx-150


Similar Part No. - HM05-1A6906

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM05-1A69-02 MEDER-HM05-1A69-02 Datasheet
99Kb / 2P
   HM Reed Relays
HM05-1A69-02 MEDER-HM05-1A69-02 Datasheet
93Kb / 2P
   HM Reed Relay
HM05-1A69-02 MEDER-HM05-1A69-02_10 Datasheet
93Kb / 2P
   HM Reed Relay
HM05-1A69-02_DE MEDER-HM05-1A69-02_DE Datasheet
110Kb / 2P
   (deutsch) HM Reed Relay
HM05-1A69-03 MEDER-HM05-1A69-03 Datasheet
99Kb / 2P
   HM Reed Relays
More results

Similar Description - HM05-1A6906

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
   High Voltage Reed Relays for PCB Mounting
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
   High Voltage Reed Relays
MK06-4-C MEDER-MK06-4-C Datasheet
527Kb / 4P
   Reed Sensors for PCB Mounting
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
logo
List of Unclassifed Man...
276XAXH-24D ETC2-276XAXH-24D Datasheet
5Mb / 32P
   Magnecraft PCB Reed Relays
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
   5500 SERIES/HIGH VOLTAGE REED RELAYS
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Coto Technology
9104 COTO-9104 Datasheet
590Kb / 2P
   9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com