Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3748 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3748
Description  Isolated No Opto-Coupler Flyback Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology LT3748 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3798
6
3798f
CTRL1, CTRL2, CTRL3 (Pin 1, Pin 2, Pin 3): Current
Output Adjustment Pins. These pins control the output
current. The lowest value out of the three CTRL inputs is
compared to negative input of the operational amplifier.
VREF (Pin 4): Voltage Reference Output Pin. Typically 2V.
This pin drives a resistor divider for the CTRL pin, either
for analog dimming or for temperature limit/compensation
of output load. Can supply up to 200μA.
OVP (Pin 5): Overvoltage Protection. This pin accepts a
DC voltage to compare to the sample and hold’s voltage
output information. When output voltage information is
above the OVP, the part divides the minimum switching
frequency by 8, around 500Hz. This protects devices con-
nected to the output. This also allows the part to operate
with very little power consumption with no load to meet
energy star requirements.
VC (Pin 6): Compensation Pin for Internal Error Amplifier.
Connect a series RC from this pin to ground to compensate
the switching regulator. A 100pF capacitor in parallel helps
eliminate noise.
COMP+, COMP(Pin 7, Pin 8): Compensation Pins for
Internal Error Amplifier. Connect a capacitor between these
two pins to compensate the internal feedback loop.
FB (Pin 9): Voltage Loop Feedback Pin. FB is used to
regulate the output voltage by sampling the third wind-
ing. If the converter is used in current mode, the FB pin
will normally be at a voltage level lower than 1.25V, and
will reach the steady state of 1.25V if it detects an open
output condition.
DCM (Pin 10): Discontinuous Conduction Mode Detection
Pin. Connect a capacitor and resistor in series with this
pin to the third winding.
VIN (Pin 11): Input Voltage. This pin supplies current to
the internal start-up circuitry and to the INTVCC LDO. This
pin must be locally bypassed with a capacitor. A 42V shunt
regulator is internally connected to this pin.
EN/UVLO (Pin 12): Enable/Undervoltage Lockout. A resis-
tor divider connected to VIN is tied to this pin to program
the minimum input voltage at which the LT3798 will turn
on. When below 1.25V, the part will draw 60μA with most
of the internal circuitry disabled and a 10μA hysteresis
current will be pulled out of the EN/UVLO pin. When above
1.25V, the part will be enabled and begin to switch and the
10μA hysteresis current is turned off.
INTVCC (Pin 13): Regulated Supply for Internal Loads
and GATE Driver. Supplied from VIN and regulates to 10V
(typical). INTVCC must be bypassed with a 4.7μF capacitor
placed close to the pin.
PIN FUNCTIONS
Power Factor vs Input Voltage
Efficiency vs Input Voltage
VIN (VAC)
90
0.90
0.92
0.91
0.95
0.96
0.97
0.98
0.99
1.00
150
210
190
230
0.93
0.94
130
110
170
250 270
3798 G15
PAGE 17 SCHEMATIC:
UNIVERSAL
VIN (VAC)
90
60
70
80
90
100
150
210
190
230
130
110
170
250 270
3798 G16
PAGE 17 SCHEMATIC:
UNIVERSAL
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.


Similar Part No. - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
290Kb / 30P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3748 LINER-LT3748 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3748 LINER-LT3748 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
   Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT8306 AD-LT8306 Datasheet
613Kb / 29P
   60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
logo
Linear Technology
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com