Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3799-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3799-1
Description  Isolated No Opto-Coupler Flyback Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3799-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3799-1 Datasheet HTML 6Page - Linear Technology LT3799-1 Datasheet HTML 7Page - Linear Technology LT3799-1 Datasheet HTML 8Page - Linear Technology LT3799-1 Datasheet HTML 9Page - Linear Technology LT3799-1 Datasheet HTML 10Page - Linear Technology LT3799-1 Datasheet HTML 11Page - Linear Technology LT3799-1 Datasheet HTML 12Page - Linear Technology LT3799-1 Datasheet HTML 13Page - Linear Technology LT3799-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3798
10
3798f
fundamental frequency of the supply voltage is 120Hz so
the control loop unity gain frequency needs to be set less
than approximately 12Hz. Without a large amount of energy
storage on the secondary side, the output current will be
affected by the supply voltage changes, but the DC com-
ponent of the output current will be accurate. For DC input
or non-PFC AC input applications, connect a 25k resistor
from VIN_SENSE to INTVCC instead of the AC line voltage.
Startup
The LT3798 uses a hysteretic start-up to operate from
high offline voltages. A resistor connected to the supply
voltage protects the part from high voltages. This resistor
is connected to the VIN pin on the part and bypassed with
a capacitor. When the resistor charges the VIN pin to a
turn-on voltage set with the EN/UVLO resistor divider and
the INTVCC pin is at its regulation point, the part begins
to switch. The resistor cannot provide power for the part
in steady state, but relies on the capacitor to start-up the
part, then the third winding begins to provide power to the
VIN pin along with the resistor. An internal voltage clamp
is attached to the VIN pin to prevent the resistor current
from allowing VIN to go above the absolute maximum
voltage of the pin. The internal clamp is set at 40V and is
capable of 8mA(typical) of current at room temperature.
Setting the VIN Turn-On and Turn-Off Voltages
A large voltage difference between the VIN turn-on voltage
and the VIN turn-off voltage is preferred to allow time for the
third winding to power the part. The EN/UVLO sets these
two voltages. The pin has a 10μA current sink when the
pins voltage is below 1.25V and 0μA when above 1.25V.
The VIN pin connects to a resistor divider as shown in
Figure 2. The UVLO threshold for VIN rising is:
VIN(UVLO,RISING) =
1.25V
• R1+ R2
()
R2
+ 10μA •R1
The UVLO Threshold for VIN Falling is :
VIN(UVLO,FALLING) =
1.25V
• R1+ R2
()
R2
Programming Output Voltage
The output voltage is set using a resistor divider from
the third winding to the FB pin. From the Block Diagram,
the resistors R4 and R5 form a resistor divider from the
third winding. The FB also has an internal current source
that compensates for the diode drop. This current source
causes an offset in the output voltage that needs to be ac-
counted for when setting the output voltage. The output
voltage equation is:
VOUT = VBG (R4+R5)/(NST • R5)–(VF + (R4 • ITC)/NST)
where VBG is the internal reference voltage, NST is the
winding ratio between the secondary winding and the third
winding, VF is the forward drop of the output rectifying
diode, and ITC is the internal current source for the FB pin.
The temperature coefficient of the diode's forward drop
needs to be the opposite of the term, (R4 • ITC)/NST. By
taking the partial derivative with respect to temperature,
the value of R4 is found to be the following:
R4 = NST(1/(δITC/δT)(δVF/δT))
δITC/δT = 12.4nA/°C
ITC = 4.25μA
where δITC/δT is the partial derivative of the ITC current
source, and δVF/δT is the partial derivative of the forward
drop of the output rectifying diode.
With R4 set with the above equation, the resistor value
for R5 is found using the following:
R5 = (VBG • R4)/(NST(VOUT+VF)+R4 • ITC-VBG)
OPERATION
LT3798
EN/UVLO
GND
R2
R1
VIN
3798 F02
Figure 2. Undervoltage Lockout (UVLO)


Similar Part No. - LT3799-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
More results

Similar Description - LT3799-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
   Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT8306 AD-LT8306 Datasheet
613Kb / 29P
   60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
logo
Linear Technology
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com