Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL74LV374 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74LV374
Description  OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV374 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74LV374 Datasheet HTML 1Page - System Logic Semiconductor SL74LV374 Datasheet HTML 2Page - System Logic Semiconductor SL74LV374 Datasheet HTML 3Page - System Logic Semiconductor SL74LV374 Datasheet HTML 4Page - System Logic Semiconductor SL74LV374 Datasheet HTML 5Page - System Logic Semiconductor SL74LV374 Datasheet HTML 6Page - System Logic Semiconductor SL74LV374 Datasheet HTML 7Page - System Logic Semiconductor SL74LV374 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL74LV374
System Logic
Semiconductor
SLS
AC CHARACTERISTICS (CL=50 pF, tLH = tHL = 6.0 ns)
Test
VCC,
Limits
Symbol
Parameter
conditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min max min max min max
tPHL, tPLH
from CP to Qn
Propagation
delay
Figure 1
1.2
2.0
3.0
-
-
-
180
45
27
-
-
-
230
56
34
-
-
-
270
68
41
ns
tPHZ tPLZ
from OE to Qn
Propagation
delay
Figure 3
1.2
2.0
3.0
-
-
-
160
38
25
-
-
-
200
57
36
-
-
-
240
68
43
tPZH tPZL
from OE to Qn
Propagation
delay
Figure 3
1.2
2.0
3.0
-
-
-
160
38
23
-
-
-
200
48
29
-
-
-
240
58
35
tTHL, tTLH
HIGH-to-LOW
and LOW-to-
HIGH transition
time
Figure 1
1.2
2.0
3.0
-
-
-
75
16
10
-
-
-
100
20
13
-
-
-
120
24
15
tW
Clock pulse
width HIGH or
LOW
Figure 1
1.2
2.0
3.0
250
18
11
-
-
-
350
23
14
-
-
-
540
28
17
-
-
-
tSU
Set-up time Dn
to CP
Figure 2
1.2
2.0
3.0
45
13
8
-
-
-
50
17
10
-
-
-
100
20
12
-
-
-
tH
Hold time Dn to
CP
Figure 2
1.2
2.0
3.0
25
5
5
-
-
-
25
5
5
-
-
-
25
5
5
-
-
-
fc
CP naximum
pulse frequency
Figure 1
2.0
3.0
-
-
27
46
-
-
22
37
-
-
18
31
MHz
CI
Input
capacitance
3.0
-
7
-
-
-
-
pF
CPD
Power
dissipation
capacitance (per
flip-flop)
VI = 0 V or VCC
3.0
-
34
-
-
-
-


Similar Part No. - SL74LV374

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373D SLS-SL74LV373D Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV373N SLS-SL74LV373N Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results

Similar Description - SL74LV374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV374 INTEGRAL-IN74LV374 Datasheet
141Kb / 7P
   OCTAL D-TYPE FLIP-FLOP POSITIVE EDGETRIGGER (3-STATE)
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
   Octal D flip-flop 3-State
1996 Jan 05
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com