Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z8V2 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MM5Z8V2
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MM5Z8V2 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MM5Z8V2 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MM5Z8V2 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
(Ta=25 °C unless otherwise noted, VF = 0.9 V Max. @ IF =10 mA for all types)
Test
Test
ΘV
Z (mV/k)
C
Current
Current
@ IZT
@ VR =0
IZT
ZZT @ IZT ZZT @ IZK
IZK
f = 1MHz
Min.
Nom.
Max.
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
Min.
Max.
pF
MM5Z2V4
Z7
2.2
2.4
2.6
5
100
1000
1.0
50
1.0
-3.5
0
450
MM5Z2V7
A8
2.5
2.7
2.9
5
100
1000
1.0
20
1.0
-3.5
0
450
MM5Z3V0
B8
2.8
3.0
3.2
5
100
1000
1.0
10
1.0
-3.5
0
450
MM5Z3V3
C8
3.1
3.3
3.5
5
95
1000
1.0
5
1.0
-3.5
0
450
MM5Z3V6
D8
3.4
3.6
3.8
5
90
1000
1.0
5
1.0
-3.5
0
450
MM5Z3V9
E8
3.7
3.9
4.1
5
90
1000
1.0
3
1.0
-3.5
-2.5
450
MM5Z4V3
F8
4.0
4.3
4.6
5
90
1000
1.0
3
1.0
-3.5
0
450
MM5Z4V7
G8
4.4
4.7
5.0
5
80
800
1.0
3
2.0
-3.5
0.2
260
MM5Z5V1
H8
4.8
5.1
5.4
5
60
500
1.0
2
2.0
-2.7
1.2
225
MM5Z5V6
I8
5.2
5.6
6.0
5
40
200
1.0
1
2.0
-2.0
2.5
200
MM5Z6V2
J8
5.8
6.2
6.6
5
10
100
1.0
3
4.0
0.4
3.7
185
MM5Z6V8
K8
6.4
6.8
7.2
5
15
160
1.0
2
4.0
1.2
4.5
155
MM5Z7V5
L8
7.0
7.5
7.9
5
15
160
1.0
1
5.0
2.5
5.3
140
MM5Z8V2
M8
7.7
8.2
8.7
5
15
160
1.0
0.7
5.0
3.2
6.2
135
MM5Z9V1
N8
8.5
9.1
9.6
5
15
160
1.0
0.2
7.0
3.8
7.0
130
MM5Z10V
O8
9.4
10
10.6
5
20
160
1.0
0.1
8.0
4.5
8.0
130
MM5Z11V
P8
10.4
11
11.6
5
20
160
1.0
0.1
8.0
5.4
9.0
130
MM5Z12V
Q8
11.4
12
12.7
5
25
80
1.0
0.1
8.0
6.0
10.0
130
MM5Z13V
R8
12.4
13.25
14.1
5
30
80
1.0
0.1
8.0
7.0
11.0
120
MM5Z15V
S8
14.3
15
15.8
5
30
80
1.0
0.05
10.5
9.2
13.0
110
MM5Z16V
T8
15.3
16.2
17.1
5
40
80
1.0
0.05
11.2
10.4
14.0
105
MM5Z18V
U8
16.8
18
19.1
5
45
80
1.0
0.05
12.6
12.4
16.0
100
MM5Z20V
V8
18.8
20
21.2
5
55
100
1.0
0.05
14.0
14.4
18.0
85
MM5Z22V
W8
20.8
22
23.3
5
55
100
1.0
0.05
15.4
15.4
20.0
85
MM5Z24V
X8
22.8
24.2
25.6
5
70
120
1.0
0.05
16.8
18.4
22.0
80
MM5Z27V
Y8
25.1
27
28.9
2
80
300
1.0
0.05
18.9
21.4
25.3
70
MM5Z30V
Z8
28
30
32
2
80
300
1.0
0.05
21.0
24.4
29.4
70
MM5Z33V
A9
31
33
35
2
80
300
1.0
0.05
23.2
27.4
33.4
70
MM5Z36V
B9
34
36
38
2
90
500
1.0
0.05
25.2
30.4
37.4
70
MM5Z39V
C9
37
39
41
2
130
500
1.0
0.05
27.3
33.4
41.2
45
MM5Z43V
D9
40
43
46
2
150
500
1.0
0.05
30.1
37.6
46.6
40
MM5Z47V
E9
44
47
50
2
170
500
1.0
0.05
32.9
42.0
51.8
40
MM5Z51V
F9
48
51
54
2
180
500
1.0
0.05
35.7
46.6
57.2
40
MM5Z56V
G9
52
56
60
2
200
500
1.0
0.05
39.2
52.2
63.8
40
MM5Z62V
H9
58
62
66
2
215
500
1.0
0.05
43.4
58.8
71.6
35
MM5Z68V
I9
64
68
72
2
240
500
1.0
0.05
47.6
65.6
79.8
35
MM5Z75V
J9
70
75
79
2
255
500
1.0
0.05
52.5
73.4
88.6
35
Note :
(1) Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
Zener Impedance
Leakage Current
Type No.
IR
@
V R
VZ @
IZT
(V)
Zener Voltage (Note 1)
Marking
MM5Z2V4-MM5Z75V
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MM5Z8V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z8V2 EIC-MM5Z8V2 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z8V2 DGNJDZ-MM5Z8V2 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z8V2 LEIDITECH-MM5Z8V2 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z8V2 WEITRON-MM5Z8V2 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z8V2 DGNJDZ-MM5Z8V2 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z8V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com