Electronic Components Datasheet Search |
|
LR600240D40R Datasheet(PDF) 7 Page - Crydom Inc., |
|
LR600240D40R Datasheet(HTML) 7 Page - Crydom Inc., |
7 / 20 page PF Up to 25Amp 120/240/380/480/600 Vac SCR AC Switch Output Ultra High Steady State Current Rating US Patent No. 5,134,094 Crydom’s PowerFin Series delivers the highest ratings of any single in-line package (SIP). With Crydom’s integral heat sink design you can run 25 amps RMS in forced air at 85˚C case temp. With natural convection in free air, it rates 10 amps RMS at 25˚C ambient. Built-in advantages include Surface Mount Technology, low off-state leakage and SCR AC switch output. Line Load Control Control Must Surge Voltage Current Voltage Current@ Release Current Range Range** Range 5/24Vrms Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk PF240D25 12-280 .06-25 3-15 15 1.0 250 UL, cUL, VDE PF240D25R* 12-280 .06-25 3-15 15 1.0 250 UL, cUL, VDE PFE240D25 12-280 .06-25 15-32 15 1.0 250 UL, cUL, VDE PFE240D25R* 12-280 .06-25 15-32 15 1.0 250 UL, cUL, VDE PF380D25 48-530 .06-25 4-15 15 1.0 250 UL, cUL, VDE PF380D25R* 48-530 .06-25 4-15 15 1.0 250 UL, cUL, VDE PFE380D25 48-530 .06-25 15-32 15 1.0 250 UL, cUL, VDE PFE380D25R* 48-530 .06-25 15-32 15 1.0 250 UL, cUL, VDE PF480D25 48-660 .06-25 4-15 15 1.0 250 UL, cUL PF480D25R* 48-660 .06-25 4-15 15 1.0 250 UL, cUL PFE480D25 48-660 .06-25 15-32 15 1.0 250 UL, cUL PFE480D25R* 48-660 .06-25 15-32 15 1.0 250 UL, cUL Line Load Control Control Must Surge Voltage Current Voltage Current @ Release Current Range Range** Range 120/24Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk PF240A25 12-280 .06-25 90-140 10 10.0 250 UL, cUL PF240A25R* 12-280 .06-25 90-140 10 10.0 250 UL, cUL PFE240A25 12-280 .06-25 18-36 10 2.0 250 UL, cUL PFE240A25R* 12-280 .06-25 18-36 10 2.0 250 UL, cUL * R suffix denotes random turn-on. **Forced Air, .06-10 in convection air. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms PCB Mount Solid State Relays PCB Mount SSRs - DC Output DO, DMO 1-3Amp 60 Vdc DC Mini-SIP DC Control Bipolar or MOSFET Output SPST-NO DC output relays in epoxy-coated packages utilize the popular .10" grid lead spacing. They are available with either bipolar transistor output (DO), or the DMO063 with MOSFET output is rated at 3A/60 VDC. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1 Sec Vdc Adc Vdc mA Vdc Adc DO061A 3-60 .02-1.0 3-9 15 1.0 5.0 DO061B 3-60 .02-1.0 1.7-9 15 0.8 5.0 DMO063 0-60 0-3.0 3-10 20 1.0 12 (@ 10msec) Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms, 4000 Vrms (DO) Normally closed (Form B) versions available for DO series (-B suffix) CMX 3-20Amp 60/100/200 Vdc DC SIP, MOSFET Output Extra Low On-state Resistance US Patent No. 5,134,094 DC output SPST-NO solid state relays use MOSFET output for high switching capabilities in a PC-mount air-cooled package. Pinouts are compatible with Series 6 and ODC type I/O modules. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 10 ms Vdc Adc Vdc mA Vdc Adc CMX60D5 0-60 0-5 3-10 15 1.0 60 CMX60D10 0-60 0-10 3-10 15 1.0 100 UL, cUL CMX60D20 0-60 0-20 3-10 15 1.0 200 CMX100D6 0-100 0-6 3-10 15 1.0 100 UL, cUL CMX200D3 0-200 0-3 4-10 15 1.0 30 UL, cUL Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms MPDCD3 3Amp 60 Vdc DC Output SIP 5, 15 & 24 Volt Logic System Compatible A SPST-NO PC-mount relay that provide greater packaging density and compatibility with pinout of Series 6 and ODC output modules. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1 sec. Vdc Adc Vdc mA Vdc Adc MPDCD3 3-60 .02-3 3-32 2.6 1.0 5.0 UL, cUL Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms ASPF 3Amp 120/240 Vac AC Mini-SIP, Integral Heat Sink SCR AC Switch Output US Patent No. 5,134,094 The ASPF Series delivers high ratings in a single in-line package (SIP). Crydom’s patented PowerFIN™ integral heat sink design makes for a cool package with high ratings. With natural convection in free air, it rates 3 Arms at 45˚C ambient. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk ASPF240D3 24-280 .1-3 4-10 15 1.0 40 UL, CSA ASPF240D3R* 24-280 .1-3 4-10 15 1.0 40 UL, CSA * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3750 Vrms SPF Up to 25Amp 120/240/380/480/600 Vac SCR AC Switch Output Ultra High Steady State Current Rating Works in both the vertical en horizontal orientation. US Patent No. 5,134,094 The SPF is identical to the PF products in specifications and performance, the only difference is the package configuration. The SPF utilizes a low profile integral heat sink that provides decreased package width for higher density applications. To order the SPF configuration simply add the “S” prefix to any of the above PF model numbers. All SPF and SPFE models are UL and cUL approved. SPA 1Amp 120/240 Vac AC Mini-SIP, Zero Cross Turn-On SCR AC Switch Output US Patent No. 5,134,094 The SPA package is perfect for high density printed circuit boards. Typical applications include: pumps, gaming, vending machines, security systems, medical equipment and appliances. Line Load Control Must Must Surge Voltage Current Current Operate Release Current Range Range Range Current Current 1-Cycle Vrms Arms mA mA mA Apk SPA4191 20-140 .025-1.0 10-35 10 1.0 30 SPA6191 20-280 .025-1.0 10-35 10 1.0 30 Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms 7 Other Crydom products and competitive part number cross-reference available at: www.crydom.com |
Similar Part No. - LR600240D40R |
|
Similar Description - LR600240D40R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |