Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDT020A0X43-SRZ Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # UDT020A0X43-SRZ
Description  20A Digital Micro DLynxTM:
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

UDT020A0X43-SRZ Datasheet(HTML) 2 Page - Lineage Power Corporation

  UDT020A0X43-SRZ Datasheet HTML 1Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 2Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 3Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 4Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 5Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 6Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 7Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 8Page - Lineage Power Corporation UDT020A0X43-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Preliminary Data Sheet
June 15, 2011
20A Digital Micro DLynxTM: Non-isolated DC-DC Power Modules
3 – 14.4Vdc input; 0.45Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
15
V
Continuous
SEQ, SYNC, VS+
All
7
V
CLK, DATA, SMBALERT
All
3.6
V
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
3
14.4
Vdc
Maximum Input Current
All
IIN,max
19
Adc
(VIN=3V to 14V, IO=IO, max )
Input No Load Current
(VIN = 12Vdc, IO = 0, module enabled)
VO,set = 0.6 Vdc
IIN,No load
69
mA
VO,set = 5Vdc
IIN,No load
134
mA
Input Stand-by Current
(VIN = 12Vdc, module disabled)
All
IIN,stand-by
16.4
mA
Inrush Transient
All
I
2t
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN =0 to
14V, IO= IOmax ; See Test Configurations)
All
50
mAp-p
Input Ripple Rejection (120Hz)
All
-64
dB


Similar Part No. - UDT020A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
UDT040A0X4-SR-P-HZ LINEAGEPOWER-UDT040A0X4-SR-P-HZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
More results

Similar Description - UDT020A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1109 LINEAGEPOWER-PDT012A0X3_1109 Datasheet
902Kb / 39P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
MVT040A0X3-SRPHZ LINEAGEPOWER-MVT040A0X3-SRPHZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
logo
Adam Technologies, Inc.
MSD-11-A-SG ADAM-TECH-MSD-11-A-SG Datasheet
124Kb / 1P
   MINI & MICRO SECURE DIGITAL SOCKETS
logo
Lineage Power Corporati...
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Aven, Inc.
26700-421 AVEN-26700-421 Datasheet
1Mb / 1P
   Cyclops Micro High Definition Digital Mic roscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com