Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBVW025A0B Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # EBVW025A0B
Description  BARRACUDA SERIES?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW025A0B Datasheet(HTML) 5 Page - Lineage Power Corporation

  EBVW025A0B Datasheet HTML 1Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 2Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 3Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 4Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 5Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 6Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 7Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 8Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
June 27, 2012
EBVW025A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 25A Output Current
LINEAGE POWER
5
Characteristic Curves
The following figures provide typical characteristics for the EBVW025A0B (12V, 25A) at 25ºC. The figures are identical for
either positive or negative Remote On/Off logic.
INPUT VOLTAGE, VO (V)
TIME, t (20 ms/div)
Figure 1. Typical Input Characteristic at Room
Temperature.
Figure 4. Typical Start-Up Using Remote On/Off with
Vin applied, negative logic version shown.
OUTPUT CURRENT, IO (A)
TIME, t (1 ms/div)
Figure 2. Typical Converter Efficiency Vs. Output
current at Room Temperature.
Figure 5. Typical Transient Response to Step change
in Load from 25% to 50% to 25% of Full Load at 48 Vdc
Input and CO=3x470uF Polymer.
TIME, t (40 ms/div)
TIME, t (1 ms/div)
Figure 3. Typical Start-Up Using Vin with Remote
On/Off enabled, negative logic version shown.
Figure 6. Typical Transient Response to Step Change
in Load from 50% to 75% to 50% of Full Load at 48 Vdc
Input and CO=3x470uF Polymer..


Similar Part No. - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

Similar Description - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com