Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBVW025A0B Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # EBVW025A0B
Description  BARRACUDA SERIES?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW025A0B Datasheet(HTML) 4 Page - Lineage Power Corporation

  EBVW025A0B Datasheet HTML 1Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 2Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 3Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 4Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 5Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 6Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 7Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 8Page - Lineage Power Corporation EBVW025A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
June 27, 2012
EBVW025A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 25A Output Current
LINEAGE POWER
4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max , Signal referenced to VIN-
terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low Specification
On/Off Thresholds:
Remote On/Off Current – Logic Low
All
Ion/off
280
310
μA
Logic Low Voltage
All
Von/off
-0.3
0.8
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
2.0
14.5
Vdc
Logic High maximum allowable leakage current
(Von/off = 2.0V)
All
Ion/off
10
μA
Maximum voltage allowed on On/Off pin
All
Von/off
14.5
Vdc
Turn-on Delay and Rise Time (IO=IO, max)
Tdelay=Time until VO = 10% of VO,set from either
application of Vin with Remote On/Off set to On
(Enable with Vin); or operation of Remote On/Off
from Off to On with Vin already applied for at least
150 milli-seconds (Enable with on/off).
* Increased Tdelay due to startup for parallel modules.
All w/o -P
Tdelay, Enable
with Vin
160
ms
All w/o-P
Tdelay, Enable
with on/off
40
ms
w/ -P
Tdelay, Enable
with Vin
180*
ms
w/ -P
Tdelay, Enable
with on/off
40*
ms
Trise=Time for VO to rise from 10% to 90% of VO,set,
For CO >5000uF, IO must be < 50% IO, max during
Trise.
* Increased Trise when Vo exists at startup for
parallel modules.
All w/o -P
Trise
40
ms
w/ -P
Trise
300*
ms
Load Sharing Current Balance
(difference in output current across all modules with
outputs in parallel, no load to full load)
-P Option
Idiff
3
A
Prebias Output Load Performance:
Back Bias current sunk by output during start-up
Back Bias current sunk by output during shut-down
All
50
50
mA
mA
Remote Sense Range
All w/ ”9”
option
VSense
0.5
Vdc
Output Voltage Adjustment range
All w/ ”9”
option
VO, set
6.0
13.2
Vdc
Output Overvoltage Protection
All
VO,limit
14.5
17.0
Vdc
Overtemperature Protection
All
Tref
140
°C
(See Feature Descriptions)
Input Undervoltage Lockout
Turn-on Threshold
35
36
Vdc
Turn-off Threshold
32
33.5
Vdc
Input Overvoltage Lockout
Turn-off Threshold
85
86
Vdc
Turn-on Threshold
76
79
Vdc


Similar Part No. - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

Similar Description - EBVW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
   Barracuda - 3 dBi Penta-band Cellular
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
   Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
Taoglas antenna solutio...
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
   Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
   Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com