Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7520C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7520C
Description  Low-Power 5 KV(rms) Dual Digital Isolators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7520C Datasheet(HTML) 1 Page - Texas Instruments

  ISO7520C Datasheet HTML 1Page - Texas Instruments ISO7520C Datasheet HTML 2Page - Texas Instruments ISO7520C Datasheet HTML 3Page - Texas Instruments ISO7520C Datasheet HTML 4Page - Texas Instruments ISO7520C Datasheet HTML 5Page - Texas Instruments ISO7520C Datasheet HTML 6Page - Texas Instruments ISO7520C Datasheet HTML 7Page - Texas Instruments ISO7520C Datasheet HTML 8Page - Texas Instruments ISO7520C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
4
5
6
7
8
ISO7520C
9
10
11
12
13
14
15
16
OUTA
GND 1
VCC 1
GND 1
INB
GND 2
GND 2
INA
OUTB
VCC 2
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
INA
GND 1
VCC 1
GND 1
INB
GND 2
GND 2
OUTA
NC
OUTB
VCC 2
NC
NC
NC
NC
NC = No Internal Connection
ISO7521C
ISO7520C
ISO7521C
www.ti.com
SLLSE39C
– JUNE 2010 – REVISED DECEMBER 2011
Low-Power 5 KV(rms) Dual Digital Isolators
Check for Samples: ISO7520C, ISO7521C
The devices have TTL input thresholds and require
1
FEATURES
two supply voltages, 3.3V or 5V, or any combination.
Highest Signaling Rate: 1 Mbps
All inputs are 5-V tolerant when supplied from a 3.3-V
Propagation Delay Less Than 20 ns
supply.
Low Power Consumption
Note: The ISO7520C and ISO7521C are specified for
Wide Ambient Temperature:
–40°C to 105°C
signaling rates up to 1 Mbps. Due to their fast
response time, under most cases, these devices will
Safety and Regulatory Approvals
also transmit data with much shorter pulse widths.
– UL 1577 Approved with 4243 Vrms Rating
Designers should add external filtering to remove
– CSA CA Notice 5A, IEC 60747-5-2,
spurious signals with input pulse duration
< 20 ns if
IEC 60601-1, 60950-1, and 61010-1
desired.
Approved
50 kV/
µs Transient Immunity Typical
Operates From 3.3V or 5V Supply and Logic
Levels
APPLICATIONS
Opto-Coupler Replacement in:
– Medical Applications for IEC 60601-1
(5 KVrms Rated)
– Industrial Field-Bus
– ProfiBus
– ModBus
– DeviceNetTM Data Buses
– Servo Control Interface
– Motor Control
– Power Supply
– Battery Packs
DESCRIPTION
The ISO7520C and ISO7521C provide galvanic
isolation of up to 4243 Vrms for 1 minute per UL.
These devices are also certified to 5000 Vrms
reinforced insulation per end equipment standards
IEC 60950-1, 61010-1, and 60601-1. These digital
isolators
have
two
isolated
channels
with
uni-directional
(ISO7520C)
and
bi-directional
(ISO7521C) channel configurations. Each isolation
channel has a logic input and output buffer separated
by a silicon oxide (SiO2) insulation barrier. Used in
conjunction with isolated power supplies, these
devices prevent noise currents on a data bus or other
circuits from entering the local ground and interfering
with or damaging sensitive circuitry.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7520C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520CDW TI-ISO7520CDW Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI-ISO7520CDW Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI1-ISO7520CDW Datasheet
1,017Kb / 25P
[Old version datasheet]   Low-Power 5 kVRMS Dual-Channel Digital Isolators
ISO7520CDWR TI-ISO7520CDWR Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDWR TI-ISO7520CDWR Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
More results

Similar Description - ISO7520C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com