Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7420QDRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7420QDRQ1
Description  LOW-POWER DUAL DIGITAL ISOLATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420QDRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7420QDRQ1 Datasheet HTML 1Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 2Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 3Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 4Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 5Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 6Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 7Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 8Page - Texas Instruments ISO7420QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISO7420-Q1
ISO7421A-Q1
SLLSE14A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN
NO.
I/O
DESCRIPTION
NAME
ISO7420
ISO7421A
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
GND1
4
4
Ground connection for VCC1
GND2
5
5
Ground connection for VCC2
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
2
1
Power supply, VCC1
VCC2
8
8
Power supply, VCC2
Table 1. FUNCTION TABLE(1)
INPUT SIDE
OUTPUT SIDE
INPUT
OUTPUT
VCC
VCC
IN
OUT
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered up (VCC ≥ 3 V), PD = Powered down (VCC ≤ 2.4 V),
X = Irrelevant, H = High level, L = Low level
ABSOLUTE MAXIMUM RATINGS
(1)
VCC
Supply voltage(2), VCC1, VCC2
–0.5 V to 6 V
VI
Voltage at IN, OUT
–0.5 V to 6 V
IO
Output current
±15 mA
Human-body model (HBM) AEC-Q100 Classification Level H3A
4 kV
Electrostatic
ESD
Charged-device model (CDM) AEC-Q100 Classification Level C5
All pins
1.5 kV
discharge
Machine model (MM)
200 V
TJ(Max) Maximum junction temperature
150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - ISO7420QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420D TI-ISO7420D Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420D TI-ISO7420D Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420DR TI-ISO7420DR Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results

Similar Description - ISO7420QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI-ISO7421-EP Datasheet
950Kb / 24P
[Old version datasheet]   ISO7421-EP Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com