Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R5TPE330M9 Datasheet(PDF) 1 Page - International Rectifier

Part # 2R5TPE330M9
Description  12A Highly Integrated SupIRBuck IR3476 TM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2R5TPE330M9 Datasheet(HTML) 1 Page - International Rectifier

  2R5TPE330M9 Datasheet HTML 1Page - International Rectifier 2R5TPE330M9 Datasheet HTML 2Page - International Rectifier 2R5TPE330M9 Datasheet HTML 3Page - International Rectifier 2R5TPE330M9 Datasheet HTML 4Page - International Rectifier 2R5TPE330M9 Datasheet HTML 5Page - International Rectifier 2R5TPE330M9 Datasheet HTML 6Page - International Rectifier 2R5TPE330M9 Datasheet HTML 7Page - International Rectifier 2R5TPE330M9 Datasheet HTML 8Page - International Rectifier 2R5TPE330M9 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
1
IR3476
12A Highly Integrated SupIRBuck
TM
FEATURES
 Input Voltage Range: 3V to 27V
 Output Voltage Range: 0.5V to 12V
 Continuous 12A Load Capability
 Constant On-Time Control
 Compensation Loop not Required
 Excellent Efficiency at Very Low Output Currents
 Programmable Switching Frequency and Soft Start
 Thermally Compensated Over Current Protection
 Power Good Output
 Precision Voltage Reference (0.5V, +/-1%)
 Enable Input with Voltage Monitoring Capability
 Pre-bias Start Up
 Thermal Shut Down
 Under/Over Voltage Fault Protection
 Forced Continuous Conduction Mode Option
 Small, Low Profile 5mm x 6mm QFN Package
BASIC APPLICATION
Figure 1: IR3476 Basic Application Circuit
DESCRIPTION
The IR3476 SupIRBuck
TM is an easy-to-use, fully integrated
and highly efficient DC/DC voltage regulator. The onboard
constant on time hysteretic controller and MOSFETs make
IR3476 a space-efficient solution that delivers up to 12A of
precisely controlled output voltage.
Programmable switching frequency, soft start, and
thermally compensated over current protection allows for
a very flexible solution suitable for many different
applications and an ideal choice for battery powered
applications.
Additional features include pre-bias startup, very precise
0.5V reference, under/over voltage shutdown, thermal
protection, power good output, and enable input with
voltage monitoring capability.
APPLICATIONS
 Notebook and Desktop Computers
 Consumer Electronics – STB, LCD, TV, Printers
 12V and 24V Distributed Power Systems
 General Purpose POL DC-DC Converters
 Game Consoles and Graphics Cards
EFFICIENCY
Figure 2: IR3476 Efficiency
45%
55%
65%
75%
85%
95%
0.01
0.1
1
10
100
Load Current (A)
12VIN
8VIN
19VIN


Similar Part No. - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com