Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R5TPE330M9 Datasheet(PDF) 8 Page - International Rectifier

Part # 2R5TPE330M9
Description  12A Highly Integrated SupIRBuck IR3476 TM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2R5TPE330M9 Datasheet(HTML) 8 Page - International Rectifier

Back Button 2R5TPE330M9 Datasheet HTML 4Page - International Rectifier 2R5TPE330M9 Datasheet HTML 5Page - International Rectifier 2R5TPE330M9 Datasheet HTML 6Page - International Rectifier 2R5TPE330M9 Datasheet HTML 7Page - International Rectifier 2R5TPE330M9 Datasheet HTML 8Page - International Rectifier 2R5TPE330M9 Datasheet HTML 9Page - International Rectifier 2R5TPE330M9 Datasheet HTML 10Page - International Rectifier 2R5TPE330M9 Datasheet HTML 11Page - International Rectifier 2R5TPE330M9 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
8
IR3476
12A Highly Integrated SupIRBuck
TM
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Fault Protection
ISET Pin Output Current
On the basis of 25°C
17
19
21
µA
ISET Pin Output Current
Temperature Coefficient
On the basis of 25°C, Note 1
4400
ppm/
°C
Under Voltage Threshold
Falling VFB & Monitor
PGOOD
0.37
0.4
0.43
V
Under Voltage Hysteresis
Rising VFB, Note 1
7.5
mV
Over Voltage Threshold
Rising VFB & Monitor PGOOD
0.586
0.625
0.655
V
Over Voltage Hysteresis
Falling VFB, Note 1
7.5
mV
VCC Turn-on Threshold
-40°C to 125°C
3.9
4.2
4.5
V
VCC Turn-off Threshold
3.6
3.9
4.2
V
VCC Threshold Hysteresis
300
mV
EN Rising Threshold
-40°C to 125°C
1.1
1.25
1.45
V
EN Hysteresis
400
mV
EN Input Current
EN = 3.3V
15
µA
PGOOD Pull Down Resistance
25
50
Ω
PGOOD Delay Threshold
VSS
1
V
Thermal Shutdown Threshold
Note 1
125
140
°C
Thermal Shutdown Threshold
Hysteresis
Note 1
20
°C
Note:
1.
Guaranteed by design but not tested in production
2.
Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2).
Products with prior date code of 1227 are qualified with MSL3 for Consumer Market.


Similar Part No. - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com