Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA216A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 20KPA216A
Description  Glass Passivated Junction TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

20KPA216A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  20KPA216A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 20KPA216A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNI-POLAR
BI-POLAR
20KPA20A
20KPA20CA
20
22.34
24.38
50
548.9
5000
36.8
20KPA24A
20KPA24CA
24
26.81
29.26
50
490.3
5000
41.2
20KPA26A
20KPA26CA
26
29.04
31.69
50
451.9
2000
44.7
20KPA28A
20KPA28CA
28
31.28
34.13
50
420.8
1000
48.0
20KPA30A
20KPA30CA
30
33.51
36.57
5
392.2
250
51.5
20KPA32A
20KPA32CA
32
35.74
39.01
5
372.0
150
54.3
20KPA34A
20KPA34CA
34
38.0
41.4
5
351.3
50
57.5
20KPA36A
20KPA36CA
36
40.2
43.9
5
328.5
20
61.5
20KPA40A
20KPA40CA
40
44.7
48.8
5
297.9
15
67.8
20KPA44A
20KPA44CA
44
49.1
53.6
5
277.9
10
72.7
20KPA48A
20KPA48CA
48
53.6
58.5
5
254.4
10
79.4
20KPA52A
20KPA52CA
52
58.1
63.4
5
235.4
10
85.8
20KPA56A
20KPA56CA
56
62.6
68.3
5
218.1
10
92.6
20KPA60A
20KPA60CA
60
67.0
73.1
5
207.0
10
97.6
20KPA64A
20KPA64CA
64
71.5
78.0
5
194.2
10
104.0
20KPA68A
20KPA68CA
68
76.0
82.9
5
183.6
10
110.0
20KPA72A
20KPA72CA
72
80.4
87.8
5
174.1
10
116.0
20KPA80A
20KPA80CA
80
89.4
97.5
5
155.4
10
130.0
20KPA88A
20KPA88CA
88
98.3
107.3
5
142.3
10
142.0
20KPA96A
20KPA96CA
96
107.2
117.0
5
130.3
10
155.0
20KPA104A
20KPA104CA
104
116.2
126.8
5
120.2
10
168.0
20KPA112A
20KPA112CA
112
125.1
136.5
5
111.0
10
182.0
20KPA120A
20KPA120CA
120
134.0
146.3
5
104.1
10
194.0
20KPA132A
20KPA132CA
132
147.4
160.9
5
94.8
10
213.0
20KPA144A
20KPA144CA
144
160.8
175.5
5
87.1
10
232.0
20KPA160A
20KPA160CA
160
178.7
195.0
5
78.3
10
258.0
20KPA172A
20KPA172CA
172
192.1
209.7
5
72.9
10
277.0
20KPA180A
20KPA180CA
180
201.1
219.4
5
69.4
10
291.0
20KPA192A
20KPA192CA
192
214.5
234.0
5
65.4
10
309.0
20KPA204A
20KPA204CA
204
227.9
248.7
5
61.4
10
329.0
20KPA216A
20KPA216CA
216
241.3
263.3
5
58.0
10
348.0
20KPA232A
20KPA232CA
232
259.1
282.8
5
54.0
10
374.0
20KPA240A
20KPA240CA
240
268.1
292.6
5
52.2
10
387.0
20KPA256A
20KPA256CA
256
286.0
312.1
5
49.0
10
412.0
20KPA280A
20KPA280CA
280
312.8
341.3
5
44.8
10
451.0
20KPA300A
20KPA300CA
300
335.1
365.7
5
41.8
10
483.0
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
TEST
CURRENT
IT
(mA)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM IR
A)
MAXIMUN
CLAMPING
VOLTAGE
@IPP VC (V)
20KPA
PART NUMBER
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
20KPA SERIES
Glass Passivated Junction TVS
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 20KPA216A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA216A TAITRON-20KPA216A Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
20KPA216A MDE-20KPA216A Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
20KPA216A MDE-20KPA216A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
20KPA216A SPSEMI-20KPA216A Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
logo
Littelfuse
20KPA216A LITTELFUSE-20KPA216A Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 20KPA216A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com