Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3476MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3476MTRPBF
Description  12A Highly Integrated SupIRBuck IR3476 TM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3476MTRPBF Datasheet HTML 5Page - International Rectifier IR3476MTRPBF Datasheet HTML 6Page - International Rectifier IR3476MTRPBF Datasheet HTML 7Page - International Rectifier IR3476MTRPBF Datasheet HTML 8Page - International Rectifier IR3476MTRPBF Datasheet HTML 9Page - International Rectifier IR3476MTRPBF Datasheet HTML 10Page - International Rectifier IR3476MTRPBF Datasheet HTML 11Page - International Rectifier IR3476MTRPBF Datasheet HTML 12Page - International Rectifier IR3476MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
9
IR3476
12A Highly Integrated SupIRBuck
TM
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow,
unless otherwise specified.
Figure 5: Efficiency vs. Load Current for VOUT = 1.05V
0
50
100
150
200
250
300
350
400
0
3
6
9
12
Load Current (A)
Figure 7: Switching Frequency vs. Load Current
Figure 9: Load Regulation
Figure 6: Efficiency vs. Load Current for VIN = 12V
0
200
400
600
800
1000
1200
1400
200 250 300 350 400 450 500 550 600 650 700 750
Switching Frequency (kHz)
5.0 Vout
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Figure 8: RFF vs. Switching Frequency
Figure 10: Line Regulation at IOUT = 12A
1.050
1.052
1.054
1.056
1.058
1.060
8
9
10 11 12 13 14 15 16 17 18 19
Input Voltage (V)
1.050
1.052
1.054
1.056
1.058
1.060
0
2
4
6
8
10
12
Load Current (A)
12VIN
8VIN
19VIN
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
100
Load Current (A)
VOUT = 1.05V; L = 1.5
µH, 3.8mΩ
VOUT = 1.5V; L = 2.2
µH, 4.6mΩ
VOUT = 3.3V; L = 3.3µH, 7.7m
Ω
45%
55%
65%
75%
85%
95%
0.01
0.1
1
10
100
Load Current (A)
12VIN
8VIN
19VIN


Similar Part No. - IR3476MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476MTRPBF IRF-IR3476MTRPBF Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - IR3476MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com