Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-DSPV100W1A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PMC-DSPV100W1A
Description  Dual 24V/5V 100W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-DSPV100W1A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PMC-DSPV100W1A Datasheet HTML 1Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 2Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 3Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 4Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 5Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 6Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 7Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 8Page - Delta Electronics, Inc. PMC-DSPV100W1A Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-DSPV100W1A
3/13
Rev: 00.1,
3/14/2011
5.) Environmental
Ambient temperature (Operating)
-20°C to +50°C, with operation to 70°C possible with a linear derating to
50% of nominal power from 50°C.
Ambient temperature (Storage)
-25°C to 85°C
Humidity Operation
< 95% RH non-condensing
Shock Test (in all directions)
30G (300m/S2) according to IEC60068-2-27
Vibration (in all X,Y,Z direction)
(Non-Operating)
10 to 150Hz @ 50m/S
2 (5G peak) according to IEC 60068-2-6.
Note: all figures quoted are amplitudes (peak values).
Bump
IEC/EN 60068-2-29; 11ms/ 10gn
MTBF
> 700,000 Hours.
Expected Life Time
10 years.
RoHS Compliant
Yes, RoHS directive, WEEE directive
Altitude (Operating)
@ 3,000 Meters
Degree of protection
IPX0
Class of protection
Class I with PE connection
Pollution degree
2
Climatic class
3K3 according to EN 60721
5.) Mechanical Data
Dimension
178 mm X 97 mm X 38 mm (L X W X H)
Cooling System
Convection
Input Terminal & Output Terminal
Terminal Block 7 pin (300VAC, 20A)
Mounting Rail
Standard T35 Mounting Rail (35mm) EN60715
Connection
Screw Terminal
Input wire size
AWG 18-14
Output wire size
AWG 18-14
Indicator
Green LED “DC OK” LED (Same LED will Flicker upon fault)
Type of housing
Aluminium
Weight
0.480Kg
6.) Certification/Safety Standards
EMI : Immunity to interference according to EN 61000-6-2
 EN 61000-4-2 1)
Discharge of static electricity (ESD):
Air Discharge/Contact discharge:
LEVEL 4
15 KV / 8 KV
 EN 61000-4-3 1)
Housing:
Radiate Field Immunity
Frequency/Field intensity:
LEVEL 3
80MHz - 1GHz / 10V/M with 1kHz tone / 80% modulation.
 EN 61000-4-4 1)
Fast transients (Burst Immunity):
LEVEL 3 / 2KV
4)
 IEC 61000-4-5 1)
Surge voltage Immunity:
Common Mode/Differential Mode:
LEVEL 3
2 KV
3) / 1 KV4)
 EN 61000-4-6 1)
I/O:
Conducted Immunity
Frequency / Uo:
LEVEL 3
0.15MHz - 80MHz / 10Vrms.
 EN 61000-4-8 1)
Power frequency magnetic field:
LEVEL 3 : 10A/Meter
 EN 61000-4-11 2)
Voltage dips:
100% dip, Input: Main Buffering > 20ms.Self Recoverable
EMC : Noise emission according to EN 61000-6-3
 Emitted radio interface
 Radio interference voltage
FCC Title 47, Class B / EN55022, CISPR22, CISPR11, CLASS B
5
FCC Title 47, Class B / EN55022, CISPR22, CISPR11, CLASS B
5
Galvanic Isolation :
Input / output
type test/routine test :
Input / PE
type test/routine test :
output / PE
type test/routine test :
3KVAC
1.5KVAC
0.5KVAC
Electrical equipment of machines
EN60950-1 and IEC60204-1(With overvoltage category III)
Electronic equipment for use in electrical power Installations
EN50178 and IEC62103
Safety entry low voltage
PELV (EN60204), SELV (EN60950)
Electrical Safety for Information technology equipment
UR/cUR recognize to UL60950-1 and CSA C22.2 No.60950-1,
CCC
Electrical Safety for Industrial Control Equipment
CB test certificate and report to IEC60950-1/EN60950-1,
TUV
CE (EMC and Low Voltage directive)
Protection against electric shock
DIN 57100-410
Conformance with EMC guideline 2004/108/EC
and for low voltage guideline 2006/95/EC :
Compliant with following standards :
IEC60950-1/EN60950-1 : 2006/95/EC (Low Voltage Directive)
EN55011 Class B
: 2004/108/EC (EMC Directive)
EN55022 Class B
EN55011 corresponds to CISPR11 / EN55022 corresponds to CISPR22 / EN 61000 corresponds to IEC 61000
1) Criterion A:
Normal operating behavior within the defined limits.
2) Criterion B:
Temporary impairment to operational behavior that is corrected by the device itself.
3) Symmetrical: Conductor to conductor.
4) Asymmetrical: Conductor to ground.
5) Class B:
Area of application industry and residential.


Similar Part No. - PMC-DSPV100W1A

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-0508TH PIC-PMC-0508TH Datasheet
122Kb / 2P
   Micro SMD Reed Switch pitch 8.9 mm
logo
Delta Electronics, Inc.
PMC-05V015W1AA DELTA-PMC-05V015W1AA Datasheet
478Kb / 11P
   PMC Panel Mount Power Supply
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-05V050W1AA DELTA-PMC-05V050W1AA Datasheet
807Kb / 11P
   PMC Panel Mount Power Supply
logo
PIC GmbH
PMC-0701 PIC-PMC-0701 Datasheet
38Kb / 1P
   Micro Reed Switch
More results

Similar Description - PMC-DSPV100W1A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
logo
Weidmuller
2660200286 WEIDMULLER-2660200286 Datasheet
148Kb / 3P
   PRO PM 100W 24V 4.5A
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
logo
Delta Electronics, Inc.
PMC-12V100W1AA DELTA-PMC-12V100W1AA Datasheet
1,022Kb / 2P
   Panel Mount Power Supply 12V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com