Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC24V150W3AA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # PMC24V150W3AA
Description  24V 35W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V150W3AA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button PMC24V150W3AA Datasheet HTML 2Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V150W3AA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V035W1AA
6/13
Rev: 01,
2/11/2011
Engineering Data
 Derating Curve
 PMC-24V035W1AA
Note:
1. Do not use the Power Supply in areas
outside the shaded portion as shown in the
above graph, internal parts may occasionally
deteriorate or be damaged.
2. For the power derating refer above graph
ambient temperature > 50°C, the output
capacity has to be reduced by 2.5% per
Kelvin increase in temperature. If the output
capacity is not reduced when Amb > 50°C
device will run into thermal protection by
switching off i.e. device will go in bouncing
mode and will recover when Amb is lowered
or load is reduced as far as necessary to
keep device in working condition.
3. If the power supply has to be mounted in any
other direction please contact your service
provider.
4. In order for the device to function in the
manner intended, it is also necessary to
observe lateral spacing of 2 cm to other
modules.
5. Depending on the ambient temperature and
load of the device, the temperature of the
housing can become very high!


Similar Part No. - PMC24V150W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V150W3AA DELTA-PMC24V150W3AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC24V150W3AA DELTA-PMC24V150W3AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V150W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
Delta Electronics, Inc.
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
   Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com