Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA270AQDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA270AQDRQ1
Description  VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA270AQDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  INA270AQDRQ1 Datasheet HTML 1Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 2Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 3Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 4Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 5Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 6Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 7Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 8Page - Texas Instruments INA270AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
INA270-Q1, INA271-Q1
SBOS401B – JULY 2007 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VS = 5 V, VCM = 12 V, VSENSE = 100 mV, PRE OUT connected to BUF IN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
Frequency Response
BW
Bandwidth
CL = 5 pF
25°C
130
kHz
fm
Phase margin
CL < 10 nF
25°C
40
°
SR
Slew rate
25°C
1
V/ms
VSENSE = 10 mV to 100 mV,
ts
Settling time (1%)
25°C
2
ms
CL = 5 pF
Noise, RTI(7)
Vn
Voltage noise density
25°C
40
nV/
√Hz
Power Supply
VOUT = 2 V
25°C
700
900
IQ
Quiescent current
mA
VSENSE = 0 V
Full range
350
950
(7)
RTI = referred to input
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): INA270-Q1 INA271-Q1


Similar Part No. - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA270AQDRQ1 TI1-INA270AQDRQ1 Datasheet
433Kb / 23P
[Old version datasheet]   Voltage Output Current Sense Amplifier With Simplified Filter Inputs
More results

Similar Description - INA270AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com