Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA39A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 30KPA39A
Description  Glass Passivated Junction TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

30KPA39A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  30KPA39A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KPA39A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass passivated junction
30000W Peak Pulse Power capability on 10/1000µs
waveform
Excellent clamping capability
Repetition rate (duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to BV
(9.5mm) lead length, 5lbs., (2.3kg) tension
Case: Molded plastic over glass passivated junction
Terminal: Plated Axial leads, solderable per MIL-STD-750
, Method 2026
Polarity: Color band denotes positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07ounce, 2.3gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
30000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+ 175
STAND-OFF VOLTAGE-30 TO 288 Volts
30000 Watt Peak Pulse Power
Plastic package
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 30KPA30 thru types 30KPA288 (e.g. 30KPA30C , 30KPA288CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000μs waveform
Peak Pulse Current of on 10/1000μs waveform
Steady State Power Dissipation at TL = 75℃ , Lead lengths.375",(9.5mm)
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operating junction and Storage Temperature Range
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
P600
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
30KPA SERIES
Glass Passivated Junction TVS
Dimensions in inches and (millimeters)
Features
Mechanical Data
High temperature soldering guaranteed: 265°C/10 seconds/.375",
Bidirectonal less than 10 ns
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 30KPA39A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA39A LITTELFUSE-30KPA39A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
SUNMATE electronic Co.,...
30KPA39A SUNMATE-30KPA39A Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
TAITRON Components Inco...
30KPA39A TAITRON-30KPA39A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA39A SUNMATE-30KPA39A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
MDE Semiconductor, Inc.
30KPA39A MDE-30KPA39A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA39A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com