Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA30A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 20KPA30A
Description  Glass Passivated Junction TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

20KPA30A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  20KPA30A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 20KPA30A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic package
Glass passivated junction
20000W Peak Pulse Power capability on 10/1000 µs
waveform
Excellent clamping capability
Repetition rate (duty cycle) : 0.05%
Low incremental surge resistance
Case: Molded plastic over glass passivated junction
Terminal: Plated Axial Leads , solderable per MIL-STD-750
, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.5 gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
20000
Watts
IPPM
SEE
TABLE 1
Amps
PM (AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+175
°C
STAND-OFF VOLTAGE-20 TO 300 Volts
20000 Watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 20KPA 20 thru types 20KPA 300.(e.g. 20KPA20C, 20KPA300CA)
Electrical characteristics apply in both directions.
(9.5mm) lead length,51bs.(2.3kg) tension
MAXIMUM PATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/ 1000 μs waveform
Peak Pulse Current of on 10-1000 μs waveform
Steady State Power Dissipation at T1= 75°C Lead Lengths. 375", ( 9.5mm)
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operatings and Storage Temperature Range
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
P600
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Bidirectonal less than 10 ns
High temperature soldering guaranteed: 265°C/10 seconds/.375",
20KPA SERIES
Glass Passivated Junction TVS
Features
Mechanical Data
Dimensions in inches and (millimeters)
Fast response time: typically less than 1.0ps from 0 Volts to BV,
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 20KPA30A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA30A TAITRON-20KPA30A Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
20KPA30A MDE-20KPA30A Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
20KPA30A MDE-20KPA30A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
20KPA30A SPSEMI-20KPA30A Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
logo
Littelfuse
20KPA30A LITTELFUSE-20KPA30A Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 20KPA30A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com