Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA195A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA195A-Q1
Description  CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA195A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  INA195A-Q1 Datasheet HTML 1Page - Texas Instruments INA195A-Q1 Datasheet HTML 2Page - Texas Instruments INA195A-Q1 Datasheet HTML 3Page - Texas Instruments INA195A-Q1 Datasheet HTML 4Page - Texas Instruments INA195A-Q1 Datasheet HTML 5Page - Texas Instruments INA195A-Q1 Datasheet HTML 6Page - Texas Instruments INA195A-Q1 Datasheet HTML 7Page - Texas Instruments INA195A-Q1 Datasheet HTML 8Page - Texas Instruments INA195A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
INA193A-Q1, INA194A-Q1, INA195A-Q1
INA196A-Q1, INA197A-Q1, INA198A-Q1
SBOS366C – AUGUST 2006 – REVISED OCTOBER 2008............................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV (unless otherwise noted)
Full range TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
INA193A,
500
INA196A
INA194A,
BW
Bandwidth
CLOAD = 5 pF
25°C
300
kHz
INA197A
INA195A,
200
INA198A
Phase margin
CLOAD < 10 nF
25°C
40
°
SR
Slew rate
1
V/
µs
VSENSE = 10 mV to 100 mVPP,
ts
Settling time (1%)
25°C
2
µs
CLOAD = 5 pF
NOISE, RTI
Voltage noise density
25°C
40
nV/
√Hz
POWER SUPPLY
VS
Operating voltage
Full range
2.7
18
V
VOUT = 2 V
Full range
700
1250
INA193A,
INA194A,
370
950
IQ
Quiescent current
INA196A,
µA
VSENSE = 0 mV
Full range
INA197A
INA195A,
370
1050
INA198A
TEMPERATURE RANGE
Operating temperature
–40
125
°C
Storage temperature
–65
150
°C
θ
JA
Thermal resistance
200
°C/W
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): INA193A-Q1 INA194A-Q1 INA195A-Q1 INA196A-Q1 INA197A-Q1 INA198A-Q1


Similar Part No. - INA195A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA195A-Q1 TI-INA195A-Q1 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA195A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com