Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS0001 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS0001
Description  10.3Gbps Thunderbolt??and DisplayPort??Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS0001 Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS0001 Datasheet HTML 1Page - Texas Instruments HD3SS0001 Datasheet HTML 2Page - Texas Instruments HD3SS0001 Datasheet HTML 3Page - Texas Instruments HD3SS0001 Datasheet HTML 4Page - Texas Instruments HD3SS0001 Datasheet HTML 5Page - Texas Instruments HD3SS0001 Datasheet HTML 6Page - Texas Instruments HD3SS0001 Datasheet HTML 7Page - Texas Instruments HD3SS0001 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD3SS0001
SLAS827 – FEBRUARY 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NUMBER
NAME
11
LSTx
I/O
Controller Side UART TX SignalController Side UART RX Signal
12
LSRx
10
S0
Control Lines for configuring device. S0 and 10G_EN incorporate integrated pulldowns and
DP_EN
13
I
DP_EN incorporates a pullup. Therefore, the default device state will be “Detect Mode” per the
Truth Table provided these lines are not driven.
10G_EN
14
1, 15, 24
VDD
Supply
Positive power supply voltage
4, 7, 18, 21,
GND
Supply
Negative power supply voltage
Center Pad
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage
VDD
–0.5
4
V
range(2)
Differential I/O
–0.5
4
Voltage range
V
Control pin/buffers
–0.5
VDD+0.5
Human body model(3)
±1,500
Electrostatic
V
discharge
Charged-device model(4)
±500
Continuous power dissipation
See Thermal Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC/ESDA JS-001-2011
(4)
Tested in accordance with JEDEC JESD22 C101-E
THERMAL INFORMATION
HD3SS0001
THERMAL METRIC(1)
UNITS
28-PIN TQFN (RLF)
θJA
Junction-to-ambient thermal resistance
37.9
θJCtop
Junction-to-case (top) thermal resistance
34.4
θJCbot
Junction-to-case (bottom) thermal resistance
1.4
°C/W
θJB
Junction-to-board thermal resistance
8.7
ψJT
Junction-to-top characterization parameter
0.6
ψJB
Junction-to-board characterization parameter
8.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
PD
Device power dissipation
4.6
7.6
mW
P(Detect)
Device power dissipation in detect mode
5
mW
PSleep
Device power dissipation in sleep mode
15
µW
(1)
The maximum rating is simulated under 3.6V VDD.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :HD3SS0001


Similar Part No. - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001RLLR TI1-HD3SS0001RLLR Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
More results

Similar Description - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3TB212 PERICOM-PI3TB212 Datasheet
824Kb / 11P
   10.3Gbps Thunderbolt and DisplayPort Switch
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
   USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
P586-006-HDMI TRIPPLITE-P586-006-HDMI Datasheet
167Kb / 2P
   Mini DisplayPort / Thunderbolt to HDMI Cable Adapter (M/M), 6-ft.
logo
Maxim Integrated Produc...
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
logo
Tripp Lite. All Rights ...
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
   USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
   Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com