Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

575903B00000G Datasheet(PDF) 7 Page - Aavid, Thermal Division of Boyd Corporation

Part # 575903B00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

575903B00000G Datasheet(HTML) 7 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 575903B00000G Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation 575903B00000G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
7
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Hat Section Heat Sinks
TV96G
24.0
H
53
TV97G
20.0
H–V
53
High Rise Style Heat Sinks
530101B00100G
6.3
V
54
530101B00150G
6.3
V
54
530801B05100G
6.3
V
54
530801B05150G
6.3
V
54
530401B00100G
6.3
V
55
530401B00150G
6.3
V
55
Plug In Style Heat Sink
592201B03400G
6.8
V
62
Slide On Heat Sink
7130DG
23.1
V
62
Channel Style Heat Sinks
7178DG
35.7
V
35
577002B04000G
32.0
V
35
577002B00000G
32.0
H-V
35
TV58G
29.9
H-V
31
7139DG
28.3
H
35
TV46G
27.1
H–V
31
TV47G
27.1
H–V
31
577102B00000G
25.9
H-V
35
577102B04000G
25.9
V
35
7173DG
25.8
V
39
6236BG
25.0
V
39
6236PBG
25.0
V
39
577202B00000G
24.4
H-V
35
577202B04000G
24.4
V
35
507302B00000G
24.0
H-V
39
507302J00000G
24.0
H-V
39
576014B00000G
23.2
H-V
41
6110PBG
21.0
H-V
35
576012B00000G
20.8
H-V
41
7142DG
20.3
H
36
7141DG
20.3
V
38
530714B00000G
20.3
H-V
41
7136DG
19.7
V
35
7128DG
19.2
V
36
6038BG
18.0
V
36
592902B03400G
17.9
V
33
6109PBG
17.0
H-V
35
TV1505G
17.0
V
32
530614B00000G
16.7
H-V
41
530613B00000G
16.7
H-V
41
576602B00000G
16.6
V
34
576602D00000G
16.6
V
34
504102B00000G
15.6
H–V
39
TV1500G
14.2
V
32
575002B00000G
13.6
V
34
575002D00000G
13.6
V
34
6238BG
13.6
H–V
37
6238B-MTG
13.6
V
37
6239B-MTG
13.6
V
37
593002B03400G
13.4
V
33
534202B02853G
13.4
V
38
534202B03453G
13.4
V
38
577922B00000G
13.2
V
41
578622B03200G
13.2
V
41
563002B00000G
13.0
V
34
563002D00000G
13.0
V
34
TV265G
13.0
V
32
5900PBG
13.0
V
32
6021BG
12.5
V
30
6021PBG
12.5
V
30
6221PBG
12.5
V
30
6230DG
12.5
V
30
551002B00000G
12.4
H
30
590302B03600G
11.2
V
34
7019BG
11.0
V
27
7019PBG
11.0
V
27
7019B-MTG
11.0
V
27
590102B03600G
10.0
V
34
TV40G
9.9
H
39
7020BG
8.7
V
27
7020B-MTG
8.7
V
27
TV35G
7.2
H
31
7025BG
6.8
V
27
7025B-MTG
6.8
V
27
7021BG
6.8
V
28
7021B-MTG
6.8
V
28
7022BG
6.5
V
29
7022PBG
6.5
V
29
7022B-MTG
6.5
V
29
7022PB-MTG
6.5
V
29
504222B00000G
6.4
H
39
7023BG
4.4
V
28
7023B-MTG
4.4
V
28
Clip On Style Heat Sinks
6094PBG
40.5
H
43
6049PBG
34.1
V
43
579802B00000G
26.4
V
44
579802B03300G
26.4
V
44
579902B00000G
26.4
V
44
579902B03300G
26.4
V
44
6043PBG
23.0
V
43
574802B00000G
20.4
H–V
44
574802B03300G
20.4
V
44
Dual Extruded Heat Sinks
6380BG
6.8
V
60
6381BG
5.8
V
60
533722B02552G
5.7
V
57
533422B02552G
5.0
V
57
6374BG
5.0
V
61
6382BG
4.2
V
60
533622B02552G
3.8
V
57
533522B02552G
2.7
V
57
Dual High Rise Style Heat Sinks
530162B00162G
4.4
V
54
530862B05162G
4.4
V
54
Extruded Heat Sinks
ML26AAG
17.9
H
50
581002B02500G
17.4
V
61
581102B02500G
16.8
V
61
513002B02500G
13.4
V
58
531002B02500G
13.4
V
59
531002V02500G
13.4
V
59
533802B02554G
13.0
V
50
533002B02551G
13.0
V
55
SW25-6G
13.0
V
59
581202B02500G
12.8
V
61
SW25-2G
11.4
V
56
SW25-4G
11.4
V
56
533902B02554G
11.0
V
50
533102B02551G
11.0
V
55
513102B02500G
11.0
V
58
531102B02500G
10.4
V
59
531102V02500G
10.4
V
59
Index by Device Cooled, Heat Sink Style, and Thermal Resistance
Low Cost Slide On Cooler Heat Sinks
579604B00000G
24.0
V
63
579604B03300G
24.0
V
63
579704B00000G
24.0
V
63
579704B03300G
24.0
V
63
574204B00000G
16.8
V
63
574204B03300G
16.8
V
63
Low Profile Hat Section Heat Sink
506304B00000G
14.4
H–V
63
Space Saving Staggered Heat Sink
6034DG
8.3
V
64
Channel Style Heat Sink
593101B03600G
8.6
V
62
Dual Extruded Heat Sinks
533721B02552G
5.7
V
57
533421B02552G
5.0
V
57
533521B02552G
4.5
V
57
533621B02552G
3.8
V
57
Dual High Rise Style Heat Sinks
530161B00162G
4.4
V
54
530861B05162G
4.4
V
54
Extruded Heat Sinks
581001B02500G
19.6
V
61
581101B02500G
16.8
V
61
513001B02500G
13.4
V
58
533001B02551G
13.0
V
55
581201B02500G
12.8
V
61
SW25-2G
11.4
V
56
SW25-4G
11.4
V
56
533101B02551G
11.0
V
55
513101B02500G
11.0
V
58
SW38-2G
10.2
V
56
SW38-4G
10.2
V
56
533201B02551G
9.0
V
55
513201B02500G
9.0
V
58
SW50-2G
8.8
V
56
SW50-4G
8.8
V
56
YB32-4G
8.4
V
61
533301B02551G
8.0
V
55
530001B02500G
8.0
V
56
513301B02500G
8.0
V
58
BW63-4G
7.4
V
58
BW38-2G
7.2
V
58
BW38-4G
7.2
V
58
SW63-2G
7.0
V
56
SW63-4G
7.0
V
56
6380BG
6.8
V
60
BW50-2G
5.8
V
58
BW50-4G
5.8
V
58
6381BG
5.8
V
60
533701B02552G
5.7
V
57
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
529701B02500G
5.5
V
56
533401B02552G
5.0
V
57
529801B02500G
5.0
V
56
BW63-2G
4.7
V
58
529901B02500G
4.5
V
56
533501B02552G
4.5
V
57
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
6382BG
4.2
V
60
533601B02552G
3.8
V
57
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
6374BG
5.0
V
61
TO-218
TO-220
TO-202 CONTINUED
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
NEED HIGHER PERFORMANCE?
Aavid Thermalloy also offers the
Max Clip System
TM for discrete power
semiconductors featuring simple
assembly and high reliability.
www.aavidthermalloy.com/products/maxclip


Similar Part No. - 575903B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
575903B00000G AAVID-575903B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 575903B00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com