Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS38C86A Datasheet(PDF) 3 Page - Texas Instruments

Part # DS38C86A
Description  DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS38C86A Datasheet(HTML) 3 Page - Texas Instruments

  DS38C86A Datasheet HTML 1Page - Texas Instruments DS38C86A Datasheet HTML 2Page - Texas Instruments DS38C86A Datasheet HTML 3Page - Texas Instruments DS38C86A Datasheet HTML 4Page - Texas Instruments DS38C86A Datasheet HTML 5Page - Texas Instruments DS38C86A Datasheet HTML 6Page - Texas Instruments DS38C86A Datasheet HTML 7Page - Texas Instruments DS38C86A Datasheet HTML 8Page - Texas Instruments DS38C86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Features
n >
50% Less I
CC then Bi-CMOS DS3886A
n
9-Bit inverting BTL latching transceiver
n
Meets IEEE 1194.1 Standard on Backplane Transceiver
Logic (BTL)
n
Very low bus-port capacitance — 3 pF typical
n
Supports live insertion
n
Glitch free power-up/down protection
n
Fast propagation delays
— An to Bn (Fall-Thru Mode) 6.0 ns max
— Bn to An (Bypass Mode) 7.0 ns max
n
1V Signal swings with 80 mA sink capability
n
Open drain bus-port outputs allow Wired-OR connection
n
Controlled rise and fall time to reduce noise coupling to
adjacent lines
n
TTL compatible Driver and Control inputs
n
Built in Bandgap reference with separate QV
CC and
QGND pins for precise receiver thresholds
n
Individual bus-port ground pins
n
Tight skew —
— Driver 2.0 ns max
— Receiver 2.5 ns max
Connection Diagram
Ordering Information
NSID
Package
NS Package Number
DS38C86AVB
PQFP (7x7)
VBH48A
DS012623-3
www.national.com
2


Similar Part No. - DS38C86A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
   Mains Interface Relay Module
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
More results

Similar Description - DS38C86A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
Motorola, Inc
MC74LCX16543 MOTOROLA-MC74LCX16543 Datasheet
142Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
MC74LCX16543A MOTOROLA-MC74LCX16543A Datasheet
136Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
logo
Texas Instruments
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com