Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8844PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8844PWPR
Description  QUAD 1/2-H-BRIDGE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8844PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8844PWPR Datasheet HTML 2Page - Texas Instruments DRV8844PWPR Datasheet HTML 3Page - Texas Instruments DRV8844PWPR Datasheet HTML 4Page - Texas Instruments DRV8844PWPR Datasheet HTML 5Page - Texas Instruments DRV8844PWPR Datasheet HTML 6Page - Texas Instruments DRV8844PWPR Datasheet HTML 7Page - Texas Instruments DRV8844PWPR Datasheet HTML 8Page - Texas Instruments DRV8844PWPR Datasheet HTML 9Page - Texas Instruments DRV8844PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ENx
OUTx
3
4
50%
50%
50%
50%
7
8
80%
20%
80%
20%
OUTx
INx
OUTx
5
6
50%
50%
50%
50%
ENx
OUTx
1
2
50%
50%
50%
50%
INx = 0, resistive load to VM
INx = 1, resistive load to GND
ENx = 1 resistive load to GND
DRV8844
SLVSBA2 – JULY 2012
www.ti.com
SWITCHING CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
NUMBER
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1
t1
Delay time, ENx high to OUTx high, INx = 1
130
330
ns
2
t2
Delay time, ENx low to OUTx low, INx = 1
275
475
ns
3
t3
Delay time, ENx high to OUTx low, INx = 0
100
300
ns
4
t4
Delay time, ENx low to OUTx high, INx = 0
200
400
ns
5
t5
Delay time, INx high to OUTx high
300
500
ns
6
t6
Delay time, INx low to OUTx low
275
475
ns
7
tR
Output rise time, resistive load to VNEG
30
150
ns
8
tF
Output fall time, resistive load to VNEG
30
150
ns
(1)
Not production tested – specified by design
Figure 1. DRV8844 Switching Characteristics
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8844


Similar Part No. - DRV8844PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844 TI-DRV8844_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8844 Quad 쩍-H-Bridge Driver IC
More results

Similar Description - DRV8844PWPR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17511 MOTOROLA-MPC17511 Datasheet
1Mb / 10P
   1 Channel H-Bridge Driver IC
logo
Texas Instruments
DRV8844 TI-DRV8844_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8844 Quad 쩍-H-Bridge Driver IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Motorola, Inc
MPC17533 MOTOROLA-MPC17533 Datasheet
1Mb / 10P
   SMARTMOS 2 Channel H-Bridge Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
NEC
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com