Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8824
Description  STEPPER MOTOR CONTROLLER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8824 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8824 Datasheet HTML 1Page - Texas Instruments DRV8824 Datasheet HTML 2Page - Texas Instruments DRV8824 Datasheet HTML 3Page - Texas Instruments DRV8824 Datasheet HTML 4Page - Texas Instruments DRV8824 Datasheet HTML 5Page - Texas Instruments DRV8824 Datasheet HTML 6Page - Texas Instruments DRV8824 Datasheet HTML 7Page - Texas Instruments DRV8824 Datasheet HTML 8Page - Texas Instruments DRV8824 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DRV8824
www.ti.com
SLVSA06E
– OCTOBER 2009 – REVISED AUGUST 2011
Table 1. TERMINAL FUNCTIONS
EXTERNAL COMPONENTS
NAME
PIN
I/O(1)
DESCRIPTION
OR CONNECTIONS
POWER AND GROUND
GND
14, 28
-
Device ground
VMA
4
-
Bridge A power supply
Connect to motor supply (8 - 45 V). Both pins
must be connected to same supply.
VMB
11
-
Bridge B power supply
Bypass to GND with a 0.47-
μF 6.3-V ceramic
V3P3OUT
15
O
3.3-V regulator output
capacitor. Can be used to supply VREF.
CP1
1
IO
Charge pump flying capacitor
Connect a 0.01-
μF 50-V capacitor between
CP1 and CP2.
CP2
2
IO
Charge pump flying capacitor
Connect a 0.1-
μF 16-V ceramic capacitor to
VCP
3
IO
High-side gate drive voltage
VM.
CONTROL
Logic high to disable device outputs and
nENBL
21
I
Enable input
indexer operation, logic low to enable. Internal
pulldown.
Logic high to enable device, logic low to enter
nSLEEP
17
I
Sleep mode input
low-power sleep mode. Internal pulldown.
Rising edge causes the indexer to move one
STEP
22
I
Step input
step. Internal pulldown.
Level sets the direction of stepping. Internal
DIR
20
I
Direction input
pulldown.
MODE0
24
I
Microstep mode 0
MODE0 - MODE2 set the step mode - full,
MODE1
25
I
Microstep mode 1
1/2, 1/4, 1/8/ 1/16, or 1/32 step. Internal
pulldown.
MODE2
26
I
Microstep mode 2
Low = slow decay, open = mixed decay,
DECAY
19
I
Decay mode
high = fast decay. Internal pulldown and
pullup.
Active-low reset input initializes the indexer
nRESET
16
I
Reset input
logic and disables the H-bridge outputs.
Internal pulldown.
AVREF
12
I
Bridge A current set reference input
Reference voltage for winding current set.
Normally AVREF and BVREF are connected
to the same voltage. Can be connected to
BVREF
13
I
Bridge B current set reference input
V3P3OUT. A 0.01-
µF bypass capacitor to
GND is recommended.
NC
23
No connect
Leave this pin unconnected.
STATUS
nHOME
27
OD
Home position
Logic low when at home state of step table
Logic low when in fault condition (overtemp,
nFAULT
18
OD
Fault
overcurrent)
OUTPUT
ISENA
6
IO
Bridge A ground / Isense
Connect to current sense resistor for bridge A.
ISENB
9
IO
Bridge B ground / Isense
Connect to current sense resistor for bridge B.
AOUT1
5
O
Bridge A output 1
Connect to bipolar stepper motor winding A.
Positive current is AOUT1
→ AOUT2
AOUT2
7
O
Bridge A output 2
BOUT1
10
O
Bridge B output 1
Connect to bipolar stepper motor winding B.
Positive current is BOUT1
→ BOUT2
BOUT2
8
O
Bridge B output 2
(1)
Directions: I = input, O = output, OZ = tri-state output, OD = open-drain output, IO = input/output
Copyright
© 2009–2011, Texas Instruments Incorporated
3


Similar Part No. - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive Motor Controller IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8824-Q1 Automotive Motor Controller IC
More results

Similar Description - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com