Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8823QDCARQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8823QDCARQ1
Description  4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8823QDCARQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8823QDCARQ1 Datasheet HTML 4Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 5Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 6Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 7Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 8Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 9Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 10Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 11Page - Texas Instruments DRV8823QDCARQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AOUT1
BOUT1
AOUT2
BOUT2
VM
VM
ISENA
ISENB
APHASE
Pre-
drive
Pre-
drive
VCP, VGD
VCP, VGD
VM
VM
+
+
PWM
PWM
ABVREF
OCP
OCP
OCP
OCP
ABDECAY
BENBL
DAC
DAC
A
A
=
=
5
5
AI[2:0]
BI[2:0]
3
AENBL
BPHASE
AI[2:0]
3
3
From Serial Interface
Step
Motor
DRV8823-Q1
SLVSBH2A – JUNE 2012 – REVISED JULY 2012
www.ti.com
FUNCTIONAL DESCRIPTION
PWM Motor Drivers
The DRV8823-Q1 device contains four H-bridge motor drivers with current-control PWM circuitry. A block
diagram showing drivers A and B of the motor control circuitry (as typically used to drive a bipolar stepper motor)
is shown in Figure 2. Drivers C and D are the same as A and B (though the RDS(ON) of the output FETs is
different).
Figure 2. Block Diagram
Note that there are multiple VM motor power supply pins. All VM pins must be connected together to the motor
supply voltage.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8823-Q1


Similar Part No. - DRV8823QDCARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8823 TI1-DRV8823 Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI-DRV8823-Q1_15 Datasheet
870Kb / 22P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823DCA TI1-DRV8823DCA Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823DCA TI1-DRV8823DCA Datasheet
1Mb / 32P
[Old version datasheet]   4-Bridge Serial Interface Motor Driver
DRV8823DCAR TI1-DRV8823DCAR Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
More results

Similar Description - DRV8823QDCARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8823 TI1-DRV8823 Datasheet
771Kb / 20P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823-Q1 TI-DRV8823-Q1_15 Datasheet
870Kb / 22P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8823 TI1-DRV8823_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-Bridge Serial Interface Motor Driver
DRV8823 TI-DRV8823_15 Datasheet
651Kb / 21P
[Old version datasheet]   4-BRIDGE SERIAL INTERFACE MOTOR DRIVER
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
[Old version datasheet]   Low-Voltage Motor Driver With Serial Interface
DRV8830 TI-DRV8830 Datasheet
829Kb / 23P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
logo
Monolithic Power System...
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
   Hex Half-Bridge Motor Driver with Serial Input Control
logo
Sanyo Semicon Device
LV8412GR SANYO-LV8412GR Datasheet
88Kb / 7P
   H-Bridge 횞 4-channel Motor Driver
logo
TRINAMIC Motion Control...
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com