Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8808DCAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8808DCAR
Description  COMBINATION MOTOR DRIVER WITH DC-DC CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8808DCAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8808DCAR Datasheet HTML 7Page - Texas Instruments DRV8808DCAR Datasheet HTML 8Page - Texas Instruments DRV8808DCAR Datasheet HTML 9Page - Texas Instruments DRV8808DCAR Datasheet HTML 10Page - Texas Instruments DRV8808DCAR Datasheet HTML 11Page - Texas Instruments DRV8808DCAR Datasheet HTML 12Page - Texas Instruments DRV8808DCAR Datasheet HTML 13Page - Texas Instruments DRV8808DCAR Datasheet HTML 14Page - Texas Instruments DRV8808DCAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DATA
CLK
Strobe
DRV8808
www.ti.com
SLVS857A
– DECEMBER 2009 – REVISED AUGUST 2011
Sixteen-bit serial data is shifted least significant bit (LSB) first into the serial data input (DATA) shift register on
the falling edge of the serial clock (CLK). After 16-bit data transfer, the strobe signal (Strobe) rising edge latches
all the shifted data. During the data transferring, Strobe voltage level is ok with L level or H level.
NOTE
During startup (VM rising), nSLEEP input is set HI, suppressing false data latching caused
by a rising edge on the STB signal. nSLEEP will remain HI until nORT is released (120 ms
after dc-dc regulators come up).
Setup Mode, Extended Setup Mode, Power-Down Mode
The motor output mode is configured through the SIP (DATA, CLK and STROBE) when nSLEEP = L. After set
up, the nSLEEP pin must be pulled high for normal motor drive control. The value on the DATA line at the
positive edge of STROBE when nSLEEP is low, selects whether the data is written to the Setup or Extended
Setup registers. Setup is selected for DATA = L; Extended Setup is selected for DATA = H.
The condition, which the device requires for set up (initialize), is after the nORT (Reset) output goes H level from
L level (power on, recovery from VM < 7 V). During nSLEEP in L level, all the motor-drive functions are shut
down and their outputs are high-impedance state. This device forces motor-driver functions to shut down for the
power-down mode, and is not damaged even if nSLEEP is asserted during motor driving.
Data is shifted at all times, regardless of nSLEEP. Care must be taken to ensure valid data has been shifted into
the internal shift register, before the STROBE rising edge, occurs while nSLEEP is LO.
Copyright
© 2009–2011, Texas Instruments Incorporated
11


Similar Part No. - DRV8808DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800A0RTY TI-DRV8800A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWP TI-DRV8800PWP Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8808DCAR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3415LS SANYO-2SK3415LS Datasheet
31Kb / 4P
   DC / DC Converter, Motor Driver Applications
2SA1896 SANYO-2SA1896 Datasheet
83Kb / 3P
   DC/DC Converter, Motor Driver Applications
2SB1396 SANYO-2SB1396 Datasheet
81Kb / 3P
   DC-DC Converter,Motor Driver Applications???
2SB1395 SANYO-2SB1395 Datasheet
79Kb / 3P
   DC-DC Converter,Motor Driver Applications?
logo
Texas Instruments
DRV8809 TI-DRV8809 Datasheet
1Mb / 44P
[Old version datasheet]   COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
logo
List of Unclassifed Man...
WT7012 ETC-WT7012 Datasheet
69Kb / 3P
   DUAL MOTOR DRIVER AND DC-DC CONVERTER
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Ceramate Technical
CMD4510 CERAMATE-CMD4510 Datasheet
188Kb / 7P
   Motor Driver for Portable DVD Player with DC-DC Step Down Converter
logo
Toshiba Semiconductor
TB62217AFG TOSHIBA-TB62217AFG Datasheet
876Kb / 61P
   PWM drive Stepping Motor Driver / Brush DC Motor Driver Selectable, DC-DC Converter and Reset function IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com