Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8801QPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8801QPWPRQ1
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8801QPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8801QPWPRQ1 Datasheet HTML 7Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 8Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 9Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 10Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 11Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 12Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 13Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 14Page - Texas Instruments DRV8801QPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
tOCP
tBLANK
IPEAK
IOCP
IOUTx
High-Z
VOUT+
VOUT-
Enable,
Source
orSink
BLANK
ChargePump
Counter
NFAULT
MotorLead
ShortCondition
NormalDC
MotorCapacitance
DRV8800-Q1
DRV8801-Q1
www.ti.com
SLVSAS7
– FEBRUARY 2011
Figure 2. Overcurrent Control Timing
FUNCTIONAL DESCRIPTION
Device Operation
The DRV8800-Q1/DRV8801-Q1 is designed to drive one dc motor. The current through the output full-bridge
switches and all N-channel DMOS are regulated with a fixed off-time PWM control circuit.
Logic Inputs
It is recommended to use a high-value pullup resistor when logic inputs are pulled up to VDD. This resistor limits
the current to the input in case an overvoltage event occurs. Logic inputs are nSLEEP, MODE, PHASE, and
ENABLE. Voltages higher than 7 V on any logic input can cause damage to the input structure.
VREG (DRV8800-Q1 Only)
This output represents a measurement of the internal regulator voltage. This pin should be left disconnected. A
voltage of approximately 7.5 V can be measured at this pin.
VPROPI (DRV8801-Q1 Only)
This output offers an analog voltage proportional to the winding current. Voltage at this terminal is five times
greater than the motor winding current (VPROPI = 5
×I). VPROPI is meaningful only if there is a resistor
connected to the SENSE pin. If SENSE is connected to ground, VPROPI measures 0 V. During slow decay,
VPROPI outputs 0 V. VPROPI can output a maximum of 2.5 V, since at 500 mV on SENSE, the H-bridge is
disabled.
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV8800-Q1 DRV8801-Q1


Similar Part No. - DRV8801QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801QRTYRQ1 TI1-DRV8801QRTYRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
More results

Similar Description - DRV8801QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com