Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8800QPWPRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8800QPWPRQ1
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8800QPWPRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8800QPWPRQ1 Datasheet HTML 3Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 4Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 5Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 6Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 7Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 8Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 9Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 10Page - Texas Instruments DRV8800QPWPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Charge Pump
nFAULT
PHASE
GND
nSLEEP
ENABLE
OUT
SENSE
VCP
GND
CP2
CP1
OUT
VBB
VBB
3.3K
.1 uf
.1 uf
100 uf
.1 uf
SENSE
MODE 2
Control
Logic
Motor lead
Protection
Bias
Supply
PAD
VDD
3.3K
VBB
OUT+
OUT-
SENSE
UVLO
STB
STG
TSD
VPROPI
X5
MODE 1
+
-
DRV8800-Q1
DRV8801-Q1
www.ti.com
SLVSAS7
– FEBRUARY 2011
DRV8801-Q1 FUNCTIONAL BLOCK DIAGRAM
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8800-Q1 DRV8801-Q1


Similar Part No. - DRV8800QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800A0RTY TI-DRV8800A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWP TI-DRV8800PWP Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8800QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com