Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8481-N Datasheet(PDF) 4 Page - Texas Instruments

Part # DP8481-N
Description  DP8481 TTL to 10k ECL Level Translator with Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8481-N Datasheet(HTML) 4 Page - Texas Instruments

  DP8481-N Datasheet HTML 1Page - Texas Instruments DP8481-N Datasheet HTML 2Page - Texas Instruments DP8481-N Datasheet HTML 3Page - Texas Instruments DP8481-N Datasheet HTML 4Page - Texas Instruments DP8481-N Datasheet HTML 5Page - Texas Instruments DP8481-N Datasheet HTML 6Page - Texas Instruments DP8481-N Datasheet HTML 7Page - Texas Instruments DP8481-N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics (Notes 2 and 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD1
Strobe To Output Delay
15
30
60
ns
tPD2
Data To Output Delay
25
45
75
ns
tS
Data Set-Up Time to Strobe
50
20
ns
tH
Data Hold Time
10
0
ns
tPW
Strobe Pulse Width
50
30
ns
tPD3
Chip Select to Output Delay
10
25
40
ns
tSCS
Data Set-Up Time to Chip Select
55
30
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto75 C ambient temperature range in still air and across the specified supply variations
All typical values are for 25 C and nominal supply
Note 3
All currents into device pins are shown as positive all currents out of device pins are shown as negative All voltages are referenced to ground unless
otherwise specified
Note 4
Unless otherwise specified all AC measurements are referenced from the 15V level of the TTL input and tofrom the 50% point of the ECL signal and a
50X resistor to b2V is the load ECL input rise and fall times are 20 ns g02 ns from 20% to 80% TTL input characteristic is 0V to 3V with tretfs3 ns measured
from 10% to 90%
Switching Time Waveforms
TLF5862 – 2
TLF5862 – 3
3


Similar Part No. - DP8481-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8481F NSC-DP8481F Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8481J NSC-DP8481J Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8481N NSC-DP8481N Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
More results

Similar Description - DP8481-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8480A NSC-DP8480A Datasheet
119Kb / 6P
   DP8480A 10k ECL to TTL Level Translator with Latch
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com