Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP022405P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DCP022405P
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP022405P Datasheet(HTML) 10 Page - Texas Instruments

Back Button DCP022405P Datasheet HTML 6Page - Texas Instruments DCP022405P Datasheet HTML 7Page - Texas Instruments DCP022405P Datasheet HTML 8Page - Texas Instruments DCP022405P Datasheet HTML 9Page - Texas Instruments DCP022405P Datasheet HTML 10Page - Texas Instruments DCP022405P Datasheet HTML 11Page - Texas Instruments DCP022405P Datasheet HTML 12Page - Texas Instruments DCP022405P Datasheet HTML 13Page - Texas Instruments DCP022405P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
DUAL OUTPUT VOLTAGE DCP AND DCVs
Ripple and Noise
PCB LAYOUT
THERMAL MANAGEMENT
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
Clearly, increasing the capacitance has a much
The SYNCIN pin, when not being used, is best left as
smaller effect on the output ripple voltage than does
a floating pad. A ground ring or annulus connected
reducing the value of the ESR for the filter capacitor.
around the pin prevents noise being conducted onto
the pin. If the SYNCIN pin is to be connected to one
or more SYNCIN pins, then the linking trace should be
narrow and must be kept short in length. In addition,
The voltage output for the dual DCPs is half wave
no other trace should be in close proximity to this
rectified; therefore, the discharge time is 1.25
µs.
trace because that will increase the stray capacitance
Repeating the above calculations using the 100%
on this pin. In turn, the stray capacitance affects the
load resistance of 25
Ω (0.2A per output), the results
performance of the oscillator.
are:
τ = 25µs
tDIS = 1.25µs
Careful consideration should be given to the layout of
VDIS = 244mV
the PCB in order to obtain the best results.
VESR = 20mV
The DCP02 is a switching power supply, and as such
Ripple Voltage = 266mV
can place high peak current demands on the input
supply.
In
order
to
avoid
the
supply
falling
This time, it
is
the
capacitor
discharging
that
momentarily during the fast switching pulses, ground
contributes to the largest component of ripple.
and power planes should be used to connect the
Changing the output filter to 10
µF, and repeating the
power to the input of DCP02. If this connection is not
calculations, the result is:
possible, then the supplies must be connected in a
Ripple Voltage = 45mV.
star formation with the traces made as wide as
This value is composed of almost equal components.
possible.
The previous calculations are given only as a guide.
If the SYNCIN pin is being used, then the trace
Capacitor parameters usually have large tolerances
connection between device SYNCIN pins should be
and can be susceptible to environmental conditions.
short to avoid stray capacitance. If the SYNCIN pin is
not being used, it is advisable to place a guard ring
(connected to input ground) around this pin to avoid
any noise pick up.
Figure 11 and Figure 12 illustrate a printed circuit
The output should be taken from the device using
board
(PCB)
layout
for
the
two
conventional
ground and power planes, thereby ensuring minimum
(DCP01/02, DCV01), and two SO-28 surface-mount
losses.
packages (DCP02U). Figure 13 shows the schematic.
A good quality, low-ESR ceramic capacitor placed as
Input power and ground planes have been used,
close as practical across the input reduces reflected
providing a low-impedance path for the input power.
ripple and ensures a smooth startup.
For the output, the common or 0V has been
connected via a ground plane, while the connections
A
good
quality.
low-ESR
capacitor
(ceramic
for the positive and negative voltage outputs are
preferred) placed as close as practical across the
conducted via wide traces in order to minimize
rectifier output terminal and output ground gives the
losses.
best ripple and noise performance. See Application
Bulletin
SBVA012,
DC-to-DC
Converter
Noise
The location of the decoupling capacitors in close
Reduction, for more information on noise rejection.
proximity to their respective pins ensures low losses
due to the effects of stray inductance, thus improving
the ripple performance. This location is of particular
importance
to
the
input
decoupling
capacitor,
Due to the high power density of this device, it is
because this capacitor supplies the transient current
advisable to provide ground planes on the input and
associated with the fast switching waveforms of the
output.
power drive circuits.
10
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series


Similar Part No. - DCP022405P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP022405P TI-DCP022405P Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022405P TI-DCP022405P Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022405P TI1-DCP022405P Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP022405P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com