Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR022405 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DCR022405
Description  Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR022405 Datasheet(HTML) 5 Page - Texas Instruments

  DCR022405 Datasheet HTML 1Page - Texas Instruments DCR022405 Datasheet HTML 2Page - Texas Instruments DCR022405 Datasheet HTML 3Page - Texas Instruments DCR022405 Datasheet HTML 4Page - Texas Instruments DCR022405 Datasheet HTML 5Page - Texas Instruments DCR022405 Datasheet HTML 6Page - Texas Instruments DCR022405 Datasheet HTML 7Page - Texas Instruments DCR022405 Datasheet HTML 8Page - Texas Instruments DCR022405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DCR02 SERIES
SBVS028B − DECEMBER 2000 − REVISED DECEMBER 2007
www.ti.com
5
FUNCTIONAL DESCRIPTION
OVERVIEW
The DCR02 series offers isolation from an unregulated
power supply operating from a choice of input voltages.
This series provides a variety of regulated output voltages
at a nominal output power of 2 W.
POWER STAGE
The input supply is chopped at a frequency of 400 kHz
(internal oscillator divided by 2), which is used to drive the
center-tapped toroidal transformer.
RECTIFICATION
The transformer output is full wave rectified and smoothed
by the external capacitor connected to VREC.
REGULATOR
The
internal
low-dropout
regulator
provides
a
well-regulated output voltage throughout the operating
range of the device.
OSCILLATOR AND WATCHDOG
The DCR02 uses an internal saw-tooth generator to
provide the 800−kHz onboard oscillator that is used to
drive the power switching circuit. The operation of the
oscillator is monitored by the watchdog, which three-states
the output driver circuit if the oscillator fails or if the SYNC
pin is taken low (shutdown mode). When the SYNC pin is
returned high, normal operation resumes.
SYNCHRONIZATION
If more than one DCR02 is being used, beat frequencies
and other electrical interference can be generated. This
interference is due to the small variations in switching
frequencies
between
the
converters.
The
DCR02
overcomes this by allowing devices to be synchronized to
one another. Up to eight devices can be synchronized by
connecting the SYNC pins together, with care being taken
to minimize the capacitance of tracking.
Significant stray capacitance on the SYNC pin reduces the
frequency of the internal oscillator. If this reduction is large,
the DCR02 may be taken out with its optimized operating
parameters, and saturation of the magnetics may result,
damaging the device.
If devices are synchronized, it should be noted that all
devices draws maximum current simultaneously at start
up. This can cause the input voltage to dip. Should it fall
below the minimum input voltage, the devices may not
start up. A low equivalent series resistance (ESR) 2.2−
µF
ceramic capacitor should be connected as close to the
device input pins as possible.
If more than eight devices are required to be synchronized,
it is recommended that external synchronization be used.
Details of this procedure are contained in application
report
SBAA035,
External
Synchronization
of
the
DCP01/02 Series of DC/DC Converters, available for
download at www.ti.com.
CONSTRUCTION
The DCR02 is manufactured using the same technology
as standard IC packages. There is no substrate within the
package. The DCR02 is constructed using a driver IC,
low-dropout voltage regulator, rectifier diodes, and a
wound magnetic toroid, all mounted on a leadframe. The
DCR02 requires no special printed circuit board (PCB)
assembly processing, since there is no solder within the
package. The result is an isolated DC/DC converter with
inherently high reliability.


Similar Part No. - DCR022405

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR022405P BURR-BROWN-DCR022405P Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR022405P BURR-BROWN-DCR022405P Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR022405P-U BURR-BROWN-DCR022405P-U Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR022405P-U BURR-BROWN-DCR022405P-U Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR022405P-U700 BURR-BROWN-DCR022405P-U700 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR022405

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com