Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8275 Datasheet(PDF) 10 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8275
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8275 Datasheet(HTML) 10 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8275 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8275 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8275
Rev. A | Page 10 of 16
10V/DIV
2µs/DIV
10mV/DIV
Figure 29. Large Signal Pulse Response and Settling Time, RL = 2 kΩ
1.0
0.1
0.01
0.001
0.0001
10
100
10k
1k
100k
FREQUENCY (Hz)
RL = 600Ω
RL = 10kΩ
RL = 2kΩ
VOUT = 4V p-p
Figure 30. THD + N vs. Frequency, VOUT = 4 V p-p


Similar Part No. - AD8275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275ARMZ AD-AD8275ARMZ Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275ARMZ AD-AD8275ARMZ Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
AD8275ARMZ-R7 AD-AD8275ARMZ-R7 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275ARMZ-R7 AD-AD8275ARMZ-R7 Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
More results

Similar Description - AD8275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275 AD-AD8275_16 Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Texas Instruments
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
246Kb / 14P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   16-Bit, 160Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com