Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC421A125RGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC421A125RGET
Description  Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421A125RGET Datasheet(HTML) 1 Page - Texas Instruments

  CDC421A125RGET Datasheet HTML 1Page - Texas Instruments CDC421A125RGET Datasheet HTML 2Page - Texas Instruments CDC421A125RGET Datasheet HTML 3Page - Texas Instruments CDC421A125RGET Datasheet HTML 4Page - Texas Instruments CDC421A125RGET Datasheet HTML 5Page - Texas Instruments CDC421A125RGET Datasheet HTML 6Page - Texas Instruments CDC421A125RGET Datasheet HTML 7Page - Texas Instruments CDC421A125RGET Datasheet HTML 8Page - Texas Instruments CDC421A125RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
Crystal
Oscillator
Input
Feedback
Divider
LoopFilter
VCO
External
Crystal
CLK
NCLK
CDC421AXXX
www.ti.com ....................................................................................................................................................................................................... SCAS875 – MAY 2009
Fully-Integrated, Fixed-Frequency, Low-Jitter
Crystal Oscillator Clock Generator
• Low-Cost, Low-Jitter Frequency Multiplier
2
• Single 3.3-V Supply
• High-Performance Clock Generator,
Incorporating Crystal Oscillator Circuitry with
Integrated Frequency Synthesizer
The
CDC421Axxx
is
a
high-performance,
low-phase-noise clock generator. It has an integrated
• Low Output Jitter: As low as 380 fs (RMS
low-noise,
LC-based
voltage-controlled
oscillator
integrated between 10 kHz to 20 MHz)
(VCO) that operates within the 1.75 GHz to 2.35 GHz
• Low Phase Noise at 312.5 MHz:
frequency range. It has an integrated crystal oscillator
Less than –120 dBc/Hz at 10 kHz and
that operates in conjunction with an external AT-cut
–147 dBc/Hz at 10-MHz offset from carrier
crystal to produce a stable frequency reference for a
phase-locked
loop
(PLL)-based
frequency
• Supports Crystal or LVCMOS Input
synthesizer.
The
output
frequency
(fOUT)
is
Frequencies at 31.25 MHz, 33.33 MHz, and
proportional to the frequency of the input crystal
35.42 MHz
(fXTAL).
• Output Frequencies: 100 MHz, 106.25 MHz,
The device operates in 3.3-V supply environment and
125 MHz, 156.25 MHz, 212.5 MHz, 250 MHz, and
is characterized for operation from –40°C to +85°C.
312.5 MHz
The CDC421Axxx is available in a QFN-24 4-mm ×
• Differential Low-Voltage Positive Emitter
4-mm package.
Coupled Logic (LVPECL) Outputs
The CDC421Axxx differs from the CDC421xxx in
• Fully-Integrated Voltage-Controlled Oscillator
the following ways:
(VCO): Runs from 1.75 GHz to 2.35 GHz
• Device Startup
• Typical Power Consumption: 300 mW
The CDC421Axxx has an improved startup circuit
• Chip Enable Control Pin
to enable correct operation for all power-supply
ramp times.
• Available in 4-mm × 4-mm QFN-24 Package
• ESD Protection Exceeds 2 kV (HBM)
• Industrial Temperature Range: –40°C to +85°C
CDC421Axxx
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC421A125RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100 TI-CDC421100 Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGERG4 TI1-CDC421100RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

Similar Description - CDC421A125RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com