Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE421ARGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGER
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE421ARGER Datasheet HTML 6Page - Texas Instruments CDCE421ARGER Datasheet HTML 7Page - Texas Instruments CDCE421ARGER Datasheet HTML 8Page - Texas Instruments CDCE421ARGER Datasheet HTML 9Page - Texas Instruments CDCE421ARGER Datasheet HTML 10Page - Texas Instruments CDCE421ARGER Datasheet HTML 11Page - Texas Instruments CDCE421ARGER Datasheet HTML 12Page - Texas Instruments CDCE421ARGER Datasheet HTML 13Page - Texas Instruments CDCE421ARGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Enter Programming Mode
0
0
0
0
1
1
t
7
t
1
t
6
t
5
t
2
t
F
t
R
t
3
t
4
CE
SDATA
DATA
SDATA
DELAYED
EEPROM Programming
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Figure 2 shows the timing behavior of data to be written into SDATA. The sequence shown is '001100'. If the
high period is as short as t1, this period is interpreted as '0'. If the high period is as long as t3, this period is
interpreted as a '1'. This behavior is achieved by shifting the incoming signal SDATA by time t5 into signal
SDATA_DELAYED. As Figure 2 shows, SDATA_DELAYED can be used to latch (or strobe) SDATA. The
specification for the timings t1 through t7, tR and tF are shown in Table 5.
Figure 2. SDATA/CE Timing
Table 5. SDATA/CE Timing Requirements(1)
PARAMETER
MIN
TYP
MAX
UNIT
fSDATACLK
Repeat frequency of programming
60
70
80
kHz
t1
Low signal: High pulse duration
0.2 t
ms
t2
Low signal: Low pulse duration during Entering Programming sequence
0.8 t
ms
Low signal: Low pulse duration during programming bits
0.8 t
ms
t3
High signal: High pulse duration
0.8 t
ms
t4
High signal: Low pulse duration during Entering Programming sequence
0.2 t
ms
High signal: Low pulse duration during programming bits
0.2 t
ms
t6
Time-out during Entering Programming Mode and Enter Readback Mode until
16
ms
next bit must occur. High-pulse or low-pulse duration each must be less than this
time; otherwise, a time-out results.
t7
EN-high time before first SDATA can be clocked in
3 t
ms
tR/tF
Rise and fall time from 20% to 80% of VDD
2
ns
(1)
t = 1/fSDATACLK.
To program the EEPROM, follow the procedure outlined in this section.
Load all the registers in RAM by writing to Word0 ... Word5. After going back to State 2, then go to State 3
(Programming EEPROM, No Locking) or State 4 (Programming EEPROM with Locking). The contents of Word0
… to Word5 are saved in the EEPROM. Wait 10ms in State 3 or State 4 when programming the EEPROM
before moving to State 2 (idle state).
NOTE:
When writing to the device for functionality testing and verification via the serial bus,
you are only accessing the RAM. The programming of the CDCE421A can only be
performed at VCC = 3.3 V and at room temperature (+25°C).
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A


Similar Part No. - CDCE421ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI-CDCE421RGER Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGER TI1-CDCE421RGER Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGERG4 TI-CDCE421RGERG4 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

Similar Description - CDCE421ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com