Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC209-7DW Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC209-7DW
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC209-7DW Datasheet(HTML) 1 Page - Texas Instruments

  CDC209-7DW Datasheet HTML 1Page - Texas Instruments CDC209-7DW Datasheet HTML 2Page - Texas Instruments CDC209-7DW Datasheet HTML 3Page - Texas Instruments CDC209-7DW Datasheet HTML 4Page - Texas Instruments CDC209-7DW Datasheet HTML 5Page - Texas Instruments CDC209-7DW Datasheet HTML 6Page - Texas Instruments CDC209-7DW Datasheet HTML 7Page - Texas Instruments CDC209-7DW Datasheet HTML 8Page - Texas Instruments CDC209-7DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDC209, CDC209–7
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS
WITH 3-STATE OUTPUTS
SCAS108D – MARCH 1990 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D CDC209 Replaces 74AC11208
D CDC209-7 Replaces 74AC11208-7
D Low-Skew Propagation Delay
Specifications for Clock-Driver
Applications
D CMOS-Compatible Inputs and Outputs
D Flow-Through Architecture Optimizes
PCB Layout
D Characterized for Operation at 5-V and
3.3-V VCC
D Center-Pin VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at 125°C
D Package Options Include Plastic
Small-Outline Package (DW) and Standard
Plastic 300-mil DIPs (N)
description
The CDC209/209-7 contains dual clock-driver circuits that fanout one input signal to four outputs with minimum
skew for clock distribution (see Figure 2). The device also offers two output-enable (OE1 and OE2) inputs for
each circuit that can force the outputs to be disabled to a high-impedance state or to a high- or low-logic level
independent of the signal on the respective A input.
Skew parameters are specified for a reduced temperature and voltage range common to many applications.
The CDC209/209-7 is characterized for operation fromTA = –40°C to 85°C.
FUNCTION TABLES
INPUTS
OUTPUTS
1OE1
1OE2
1A
1Y1
1Y2
1Y3
1Y4
L
L
L
L
L
L
L
L
LH
H
HH
H
L
HX
L
LL
L
H
LX
H
HH
H
H
H
X
Z
Z
Z
Z
INPUTS
OUTPUTS
2OE1
2OE2
2A
2Y1
2Y2
2Y3
2Y4
L
L
L
L
L
L
L
L
LH
H
HH
H
L
HX
L
LL
L
H
LX
H
HH
H
H
H
X
Z
Z
Z
Z
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
1Y1
1A
1OE1
1OE2
VCC
VCC
2A
2OE1
2OE2
2Y4
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - CDC209-7DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC209 TI1-CDC209_15 Datasheet
620Kb / 13P
[Old version datasheet]   3-3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC209-7DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com