Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL74HCT10 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL74HCT10
Description  Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT10 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74HCT10 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT10 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT10 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT10 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL74HCT10
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
0
500
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - SL74HCT10

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT125D SLS-SL74HCT125D Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT125N SLS-SL74HCT125N Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT126D SLS-SL74HCT126D Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT10

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC10A KODENSHI-KK74HC10A Datasheet
193Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC10 MOTOROLA-MC74HC10 Datasheet
141Kb / 4P
   Triple 3-lnput NAND Gate Higt-Performance Silicon-Gate CMOS
MC74HC4075 MOTOROLA-MC74HC4075 Datasheet
71Kb / 4P
   TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
Integral Corp.
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC11 KODENSHI-KK74AC11 Datasheet
231Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com