Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2510F16 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2510F16
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2510F16 Datasheet(HTML) 4 Page - Texas Instruments

  CC2510F16 Datasheet HTML 1Page - Texas Instruments CC2510F16 Datasheet HTML 2Page - Texas Instruments CC2510F16 Datasheet HTML 3Page - Texas Instruments CC2510F16 Datasheet HTML 4Page - Texas Instruments CC2510F16 Datasheet HTML 5Page - Texas Instruments CC2510F16 Datasheet HTML 6Page - Texas Instruments CC2510F16 Datasheet HTML 7Page - Texas Instruments CC2510F16 Datasheet HTML 8Page - Texas Instruments CC2510F16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 4 of 241
Abbreviations
∆Σ
Delta-Sigma
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
ARIB
Association of Radio Industries and
Businesses
BCD
Binary Coded Decimal
BER
Bit Error Rate
BOD
Brown Out Detector
CBC
Cipher Block Chaining
CBC-
MAC
Cipher Block Chaining Message
Authentication Code
CCA
Clear Channel Assessment
CCM
Counter mode + CBC-MAC
CFB
Cipher Feedback
CFR
Code of Federal Regulations
CMOS
Complementary Metal Oxide
Semiconductor
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CTR
Counter mode (encryption)
DAC
Digital to Analog Converter
DMA
Direct Memory Access
DSM
Delta-Sigma Modulator
ECB
Electronic Code Book
EM
Evaluation Module
ENOB
Effective Number of Bits
EP{0 - 5}
USB Endpoints 0 - 5
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETSI
European Telecommunications Standard
Institute
FCC
Federal Communications Commission
FIFO
First In First Out
GPIO
General Purpose Input / Output
HSSD
High Speed Serial Debug
HW
Hardware
I
2S
Inter-IC Sound
I/O
Input / Output
I/Q
In-phase / Quadrature-phase
IF
Intermediate Frequency
IOC
I/O Controller
ISM
Industrial, Scientific and Medical
ISR
Interrupt Service Routine
IV
Initialization Vector
JEDEC
Joint Electron Device Engineering Council
kbps
kilo bits per second
KB
Kilo Bytes (1024 bytes)
LFSR
Linear Feedback Shift Register
LNA
Low-Noise Amplifier
LO
Local Oscillator
LQI
Link Quality Indication
LSB
Least Significant Bit / Byte
MAC
Medium Access Control
MCU
Microcontroller Unit
MISO
Master In Slave Out
MOSI
Master Out Slave In
MSB
Most Significant Bit / Byte
NA
Not Applicable
OFB
Output Feedback (encryption)
PA
Power Amplifier
PCB
Printed Circuit Board
PER
Packet Error Rate
PLL
Phase Locked Loop
PM{0 - 3}
Power Mode 0 - 3
PMC
Power Management Controller
POR
Power On Reset
PWM
Pulse Width Modulator
Px_n
Port x pin n (x = 0, 1, or 2 and
n = 0, 1, 2, .., 7)
QLP
Quad Leadless Package
RAM
Random Access Memory
RCOSC
RC Oscillator
RF
Radio Frequency
RoHS
Restriction on Hazardous Substances
RSSI
Receive Signal Strength Indicator
RX
Receive
SCK
Serial Clock
SFD
Start of Frame Delimiter
SFR
Special Function Register
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
SW
Software
T/R
Transmit / Receive
TX
Transmit
UART
Universal Asynchronous
Receiver/Transmitter
USART
Universal Synchronous/Asynchronous
Receiver/Transmitter
USB
Universal Serial Bus
VCO
Voltage Controlled Oscillator
VGA
Variable Gain Amplifier
WDT
Watchdog Timer
XOSC
Crystal Oscillator


Similar Part No. - CC2510F16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F16RHH TI-CC2510F16RHH Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16RHHR TI-CC2510F16RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16RHHR TI1-CC2510F16RHHR Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
CC2510F16RHHT TI-CC2510F16RHHT Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16RHHT TI1-CC2510F16RHHT Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
More results

Similar Description - CC2510F16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com