Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq28550DRZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # bq28550DRZT
Description  bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq28550DRZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq28550DRZT Datasheet HTML 3Page - Texas Instruments bq28550DRZT Datasheet HTML 4Page - Texas Instruments bq28550DRZT Datasheet HTML 5Page - Texas Instruments bq28550DRZT Datasheet HTML 6Page - Texas Instruments bq28550DRZT Datasheet HTML 7Page - Texas Instruments bq28550DRZT Datasheet HTML 8Page - Texas Instruments bq28550DRZT Datasheet HTML 9Page - Texas Instruments bq28550DRZT Datasheet HTML 10Page - Texas Instruments bq28550DRZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
bq28550
www.ti.com
SLUSAJ2
– SEPTEMBER 2011
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS (continued)
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral nonlinearity
±0.007
±0.034
FSR
error
ZIN(SR)
Effective input
2.5
M
resistance(1)
Ilkg(SR)
Input leakage
0.3
µA
current(1)
(1)
Specified by design. Not production tested.
ADC (TEMPERATURE AND CELL VOLTAGE) CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(ADC)
Input voltage range
–0.2
1
V
tCONV(ADC)
Conversion time
125
ms
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
Z(ADC1)
Effective input
8
M
resistance (TS) (1)
Z(ADC2)
Effective input
bq28550 is not measuring cell voltage.
8
M
resistance (BAT) (1)
bq28550 is measuring cell voltage.
100
k
Ilkg(ADC)
Input leakage
0.3
µA
current (1)
(1)
Specified by design. Not production tested.
DATA FLASH MEMORY CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention (1)
10
Years
Flash programming
20,000
Cycles
write-cycles (1)
tWORDPROG
Word programming
2
ms
time (1)
ICCPROG
Flash-write supply
5
10
mA
current (1)
(1)
Specified by design. Not production tested.
SERIAL COMMUNICATION TIMING CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted).
Capacitance on serial interface pins SCL and SDA are 10 pF unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width
600
ns
(high)
tw(L)
SCL pulse width
1.3
μs
(low)
tsu(STA)
Setup for repeated
600
ns
start
(1)
Parameters assured by worst case test program execution in fast mode.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq28550


Similar Part No. - bq28550DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550DRZT TI1-BQ28550DRZT Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28550DRZT-R1 TI1-BQ28550DRZT-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results

Similar Description - bq28550DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28400PWR TI-BQ28400PWR Datasheet
411Kb / 24P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ28400 TI-BQ28400 Datasheet
404Kb / 23P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com