Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq27505YZGR-J5 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # bq27505YZGR-J5
Description  System-Side Impedance Track??Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq27505YZGR-J5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button bq27505YZGR-J5 Datasheet HTML 2Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 3Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 4Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 5Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 6Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 7Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 8Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 9Page - Texas Instruments bq27505YZGR-J5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
bq27505-J5
SLVSAL4 – MARCH 2011
www.ti.com
3.4
INTERNAL TEMPERATURE SENSOR CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTEMP
Temperature sensor voltage gain
–2
mV/°C
3.5
HIGH-FREQUENCY OSCILLATOR
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2%
0.38%
2%
fEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–3%
0.38%
3%
TA = –40°C to 85°C
–4.5%
0.38%
4.5%
tSXO
Start-up time(3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within ±3% of typical oscillator frequency.
3.6
LOW-FREQUENCY OSCILLATOR
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLOSC
Operating frequency
32.768
kHz
TA = 0°C to 60°C
–1.5%
0.25%
1.5%
fLEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–2.5%
0.25%
2.5%
TA = –40°C to 85°C
–4%
0.25%
4.0%
tLSXO
Start-up time(3)
500
μs
(1)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within ±3% of typical oscillator frequency.
3.7
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range, V(SRN) and V(SRP)
VSR = V(SRN) – V(SRP)
–0.125
0.125
V
tSR_CONV
Conversion time
Single conversion
1
s
Resolution
14
15
bits
VOS(SR)
Input offset
10
μV
INL
Integral nonlinearity error
±0.007
±0.034
%FSR
ZIN(SR)
Effective input resistance(1)
2.5
M
Ilkg(SR)
Input leakage current(1)
0.3
μA
(1)
Specified by design. Not tested in production.
3.8
ADC (TEMPERATURE AND CELL MEASUREMENT) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(ADC)
Input voltage range
–0.2
1
V
tADC_CONV
Conversion time
125
ms
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
6
ELECTRICAL SPECIFICATIONS
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - bq27505YZGR-J5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27505YZGR-J1 TI1-bq27505YZGR-J1 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J2 TI-bq27505YZGR-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J3 TI1-bq27505YZGR-J3 Datasheet
870Kb / 44P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J4 TI-bq27505YZGR-J4 Datasheet
520Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - bq27505YZGR-J5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com