Electronic Components Datasheet Search |
|
BQ27500-V130 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
BQ27500-V130 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 43 page bq27500-V130 www.ti.com SLUS914A – OCTOBER 2009 – REVISED DECEMBER 2009 4 GENERAL DESCRIPTION The bq27500 accurately predicts the battery capacity and other operational characteristics of a single Li-based rechargeable cell. It can be interrogated by a system processor to provide cell information, such as state-of-charge (SOC), time-to-empty (TTE) and time-to-full (TTF). Information is accessed through a series of commands, called Standard Commands. Further capabilities are provided by the additional Extended Commands set. Both sets of commands, indicated by the general format Command( ), are used to read and write information contained within the bq27500 control and status registers, as well as its data flash locations. Commands are sent from system to gauge using the bq27500 I2C serial communications engine, and can be executed during application development, pack manufacture, or end-equipment operation. Cell information is stored in the bq27500 in non-volatile flash memory. Many of these data flash locations are accessible during application development. They cannot be accessed directly during end-equipment operation. Access to these locations is achieved by use of the bq27500 companion evaluation software, through individual commands, or through a sequence of data-flash-access commands. To access a desired data flash location, the correct data flash subclass and offset must be known. The bq27500 provides 96 bytes of user-programmable data flash memory, partitioned into three 32-byte blocks: Manufacturer Info Block A, Manufacturer Info Block B, and Manufacturer Info Block C. This data space is accessed through a data flash interface. For specifics on accessing the data flash, see Section 4.3 , Manufacturer Information Blocks. The key to the high-accuracy fuel gauging prediction of the bq27500 is Texas Instruments' proprietary Impedance Track algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-charge predictions that can achieve less than 1% error across a wide variety of operating conditions and over the lifetime of the battery. The bq27500 measures charge/discharge activity by monitoring the voltage across a small-value series sense resistor (5 m Ω to 20 mΩ, typ.) located between the system VSS and the battery PACK– terminal. When a cell is attached to the bq27500, cell impedance is computed, based on cell current, cell open-circuit voltage (OCV), and cell voltage under loading conditions. The bq27500 external temperature sensing is optimized with the use of a high accuracy negative temperature coefficient (NTC) thermistor with R25 = 10.0 kΩ ± 1% and B25/85 = 3435 K ± 1% (such as Semitec NTC 103AT). The bq27500 can also be configured to use its internal temperature sensor. When an external thermistor is used, an 18.2-k Ω pullup resistor between the BI/TOUT and TS pins is also required. The bq27500 uses temperature to monitor the battery-pack environment, which is used for fuel gauging and cell protection functionality. To minimize power consumption, the bq27500 has different power modes: NORMAL, SLEEP+, SLEEP, HIBERNATE, and BAT INSERT CHECK. The bq27500 passes automatically between these modes, depending upon the occurrence of specific events, though a system processor can initiate some of these modes directly. More details can be found in Section 5.7, Power Modes. NOTE FORMATTING CONVENTIONS IN THIS DOCUMENT: Commands: italics with parentheses and no breaking spaces, e.g., RemainingCapacity( ). Data flash: italics, bold, and breaking spaces, e.g., Design Capacity Register bits and flags: brackets and italics, e.g., [TDA] Data flash bits: brackets, italics and bold, e.g., [LED1] Modes and states: ALL CAPITALS, e.g., UNSEALED mode. Copyright © 2009, Texas Instruments Incorporated GENERAL DESCRIPTION 9 Submit Documentation Feedback Product Folder Link(s): bq27500-V130 |
Similar Part No. - BQ27500-V130 |
|
Similar Description - BQ27500-V130 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |