Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24765 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24765
Description  SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24765 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24765 Datasheet HTML 1Page - Texas Instruments BQ24765 Datasheet HTML 2Page - Texas Instruments BQ24765 Datasheet HTML 3Page - Texas Instruments BQ24765 Datasheet HTML 4Page - Texas Instruments BQ24765 Datasheet HTML 5Page - Texas Instruments BQ24765 Datasheet HTML 6Page - Texas Instruments BQ24765 Datasheet HTML 7Page - Texas Instruments BQ24765 Datasheet HTML 8Page - Texas Instruments BQ24765 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
bq24765
www.ti.com
SLUS999 – NOVEMBER 2009
ORDERING INFORMATION(1)
ORDERING NUMBER
PART NUMBER
PACKAGE
QUANTITY
(Tape and Reel)
bq24765RUVR
3000
bq24765
RUV 34 Pin, 3. 5mm x 7mm QFN
bq24765RUVT
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
PACKAGE THERMAL DATA
(1)
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
θJP
θJA
TA = 25°C, TJ_max = 125°C
TA = 25°C, TJ_max = 125°C
QFN – RUV(2)
5.3°C/W
38.5°C/W
2.60 W
0.026 W/°C
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
Table 1. Pin Functions – 34-Pin QFN
PIN
FUNCTION
NO.
NAME
1
PGND
Power ground. Connection to source of integrated low-side power MOSFET. On PCB layout, connect to ground
connection of input and output capacitors of the charger. Only connect to AGND through the power-pad underneath the
IC.
2
DCINP
High current input for IC power positive supply, and connection to drain of high-side power MOSFET. Place two 10uF
ceramic capacitors from DCINP to PGND pin close to the IC.
3
DCINP
High current input for IC power positive supply, and connection to drain of high-side power MOSFET. Place two 10uF
ceramic capacitors from DCINP to PGND pin close to the IC.
4
DCINP
High current input for IC power positive supply, and connection to drain of high-side power MOSFET. Place two 10uF
ceramic capacitors from DCINP to PGND pin close to the IC.
5
CSSN
Adapter current sense resistor, negative input. An optional 0.1-uF ceramic capacitor is placed from CSSN pin to AGND
for common-mode filtering. A 0.1-uF ceramic capacitor is placed from CSSN to CSSP to provide differential-mode
filtering.
6
CSSP
Adapter current sense resistor, positive input. A 0.1-uF ceramic capacitor is placed from CSSP pin to AGND for
common-mode filtering. A 0.1-uF ceramic capacitor is placed from CSSN to CSSP to provide differential-mode filtering.
7
VREF
3.3V regulated voltage output. Place a 1uF ceramic capacitor from VREF to AGND pin close to the IC. This voltage
could be used for programming the ICREF threshold. VREF can directly connect to VDDSMB as SMBus supply, or
serve as pull up supply rail for CE, ACOK and ICOUT.
8
ICREF
Low power voltage set input. Connect a resistor divider from VREF to ICREF, and AGND to program the reference for
the LOPWR comparator. The ICREF pin voltage is compared to the VICM pin voltage and the logic output is given on
the ICOUT open-drain pin. Connecting a positive feedback resistor from ICREF pin to ICOUT pin programs the
hysteresis.
9
ACIN
Adapter detected voltage set input. Program the adapter detect threshold by connecting a resistor divider from adapter
input to ACIN pin to AGND pin. ACOK open-drain output is pulled high and charge is allowed when ACIN pin voltage is
greater than 2.4V. VREF regulator and VICM current sense amplifier are active when ACIN pin voltage is greater than
0.6V, and DCINA>VDCIN_UVLO.
10
EAO
Error Amplifier Output for compensation. Connect the feedback compensation components from EAO to EAI. Typically,
a capacitor in parallel with a series resistor and capacitor. This node is internally compared to the PWM saw-tooth
oscillator signal.
11
EAI
Error Amplifier Input for compensation. Connect the feedback compensation components from EAI to EAO. Connect the
input compensation from FBO to EAI.
12
FBO
Feedback Output for compensation. Connect the input compensation from FBO to EAI. Typically, a resistor in parallel
with a series resistor and capacitor.
13
CE
Charge enable active-high logic input. HI enables charge. LO disables charge. Pull up CE using 10kOhm resistor or
connect directly to VREF to enable charger.
14
VICM
Adapter current sense amplifier output. VICM voltage is 20 times the differential voltage across CSSP-CSSN. Place a
100pF (max) or less ceramic decoupling capacitor from VICM to AGND.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq24765


Similar Part No. - BQ24765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765RUVR TI1-BQ24765RUVR Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765RUVT TI1-BQ24765RUVT Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com