Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24278RGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # bq24278RGER
Description  2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24278RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq24278RGER Datasheet HTML 6Page - Texas Instruments bq24278RGER Datasheet HTML 7Page - Texas Instruments bq24278RGER Datasheet HTML 8Page - Texas Instruments bq24278RGER Datasheet HTML 9Page - Texas Instruments bq24278RGER Datasheet HTML 10Page - Texas Instruments bq24278RGER Datasheet HTML 11Page - Texas Instruments bq24278RGER Datasheet HTML 12Page - Texas Instruments bq24278RGER Datasheet HTML 13Page - Texas Instruments bq24278RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Termination
Regulation
Current
Regulation
voltage
Precharge
Phase
Current Regulation
Phase
Voltage Regulation
Phase
Charge Current
Battery
Voltage
VSYS
System Voltage
Linear Charge
to Maintain
Minimum
System
Voltage
VBATSHORT
IBATSHORT
50mA Linear Charge
to Close Pack
Protector
Battery FET is ON
Battery
FET
is OFF
bq24278
SLUSB04 – JUNE 2012
www.ti.com
DETAILED DESCRIPTION
The bq24278 is a highly integrated single cell Li-Ion battery charger and system power path management
devices targeted for space-limited, portable applications with high capacity batteries. The power path
management feature allows the bq24278 to power the system from a high efficiency DC to DC converter while
simultaneously and independently charging the battery. The charger monitors the battery current at all times and
reduces the charge current when the system load requires current above the input current limit. This allows for
proper charge termination and enables the system to run with a defective or absent battery pack. Additionally,
this enables instant system turn-on even with a totally discharged battery or no battery. The power-path
management architecture also permits the battery to supplement the system current requirements when the
adapter cannot deliver the peak system currents. This enables the use of a smaller adapter. The battery is
charged in three phases: conditioning, constant current and constant voltage. In all charge phases, an internal
control loop monitors the IC junction temperature and reduces the charge current if the internal temperature
threshold is exceeded.
Charge Mode Operation
Charge Profile
Charging is done through the internal battery MOSFET. When the battery voltage is above 3.5V, the system
output (SYS) is connected to the battery to maximize the charging efficiency. There are 5 loops that influence the
charge current; constant current loop (CC), constant voltage loop (CV), thermal regulation loop, minimum system
voltage loop (MINSYS) and input voltage dynamic power management loop (VIN-DPM). During the charging
process, all five loops are enabled and the dominant one takes control. The bq24278 supports a precision Li-Ion
or Li-Polymer charging system for single-cell applications. The minimum system output feature regulates the
system voltage to a minimum of VSYS(REG), so that startup is enabled even for a missing or deeply discharged
battery. Figure 2 shows a typical charge profile including the minimum system output voltage feature.
Figure 2. Typical Charging Profile of bq24278
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :bq24278


Similar Part No. - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGER TI-BQ24270RGER Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGET TI-BQ24270RGET Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFR TI-BQ24270YFFR Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFT TI-BQ24270YFFT Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
More results

Similar Description - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com