Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24392 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24392
Description  Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24392 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24392 Datasheet HTML 1Page - Texas Instruments BQ24392 Datasheet HTML 2Page - Texas Instruments BQ24392 Datasheet HTML 3Page - Texas Instruments BQ24392 Datasheet HTML 4Page - Texas Instruments BQ24392 Datasheet HTML 5Page - Texas Instruments BQ24392 Datasheet HTML 6Page - Texas Instruments BQ24392 Datasheet HTML 7Page - Texas Instruments BQ24392 Datasheet HTML 8Page - Texas Instruments BQ24392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
bq24392
www.ti.com
SLIS146A – JUNE 2012 – REVISED JUNE 2012
USB SWITCHING ELECTRICAL CHARACTERISTICS
VBUS = 4.5V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUSBIO
Analog signal range
0
3.6
V
DM_CON,
DP_CON,
rON
ON-state resistance
VI = 0 V to 3.6 V, IO = –2 mA
8
DM_HOST,
DP_HOST
DM_CON,
ON-state resistance
DP_CON,
ΔrON
match between
VI = 0.4 V, O = –2 mA
0.5
DM_HOST,
channels
DP_HOST
DM_CON,
ON-state resistance
DP_CON,
rON(flat)
VI = 0 V to 3.6 V, IO = –2 mA
1.1
flatness
DM_HOST,
DP_HOST
VI = 0.3 V, VO = 2.7 V or VI = 2.7 V, VO = 0.3 V,
IIO(OFF)
VI or VO OFF leakage current
45
nA
Switch OFF
IIO(ON)
VO ON leakage current
VI = OPEN, VO = 0.3 V or 2.7 V, Switch ON
50
nA
DYNAMIC
CI(OFF)
VI OFF capacitance
DC bias = 0 V or 3.6 V, f = 10 MHz, Switch OFF
2
pF
CO(OFF)
VO OFF capacitance
DC bias = 0 V or 3.6 V, f = 10 MHz, Switch OFF
10
pF
CI(ON),
VI, VO ON capacitance
DC bias = 0 V or 3.6 V, f = 10 MHz, Switch ON
11
pF
CO(ON)
BW
Bandwidth
RL = 50 Ω, Switch ON
920
MHz
OISO
OFF Isolation
f = 240 MHz, RL = 50 Ω, Switch OFF
–26
dB
XTALK
Crosstalk
f = 240 MHz, RL = 50 Ω
–30.5
dB
(1)
VO is equal to the asserted voltage on DP_CON, DM_CON pins.
VI is equal to the asserted voltage on DP_HOST and DM_HOST pins.
IO is equal to the current on the DP_CON, DM_CON.
II is equal to the current on the DP_HOST and DM_HOST pins.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - BQ24392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392-Q1 TI-BQ24392-Q1_15 Datasheet
959Kb / 22P
[Old version datasheet]   BQ24392-Q1 Dual SPST USB 2.0 High Speed Switch With USB Battery Charging Specification Revision 1.2 Detection
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392QRSERQ1 TI1-BQ24392QRSERQ1 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392RSER TI1-BQ24392RSER Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
More results

Similar Description - BQ24392

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Fairchild Semiconductor
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
   USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com