Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24133RGYT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24133RGYT
Description  1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24133RGYT Datasheet(HTML) 5 Page - Texas Instruments

  bq24133RGYT Datasheet HTML 1Page - Texas Instruments bq24133RGYT Datasheet HTML 2Page - Texas Instruments bq24133RGYT Datasheet HTML 3Page - Texas Instruments bq24133RGYT Datasheet HTML 4Page - Texas Instruments bq24133RGYT Datasheet HTML 5Page - Texas Instruments bq24133RGYT Datasheet HTML 6Page - Texas Instruments bq24133RGYT Datasheet HTML 7Page - Texas Instruments bq24133RGYT Datasheet HTML 8Page - Texas Instruments bq24133RGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
3.3?H
Adapter
Or USB
10?
SW
BTST
REGN
PGND
0.047?
ACP
ISET
VREF
CMSRC
TTC
SRN
OVPSET
TS
SRP
THERMAL
PAD
STAT
PVCC
ACN
VREF
CELL
BATDRV
0.1?
0.1µ
0.1µ
4.7µ
C1
1?
VREF
ACDRV
Q4
0.1?
R
T
103AT
AVCC
ACSET
VREF
D3
ILIM_500mA
RevFET
Selectable input
current limit
R2
100k
R3
32.4k
R6
845k
R7
100k
R8
6.81k
R9
133k
R10
1.5k
R4
100k
R5A
32.4k
R5B
8.06k
VREF
bq24133
3.3?H
Adapter
Or USB
10?
VBAT
SW
BTST
REGN
PGND
0.047?
ACP
ISET
VREF
CMSRC
TTC
SRN
OVPSET
TS
SRP
THERMAL
PAD
STAT
PVCC
ACN
VREF
CELL
BATDRV
BATDRV
0.1?
0.1µ
0.1µ
4.7µ
C1
1?
VREF
ACDRV
R : 10m
SR
Q4
0.1?
R
T
103AT
R11
5
AVCC
ACSET
VREF
D3
ILIM_500mA
System
RevFET
Selectable input
current limit
R2
100k
R3
32.4k
R6
845k
R7
100k
R8
6.81k
R9
133k
R10
1.5k
R4
100k
R5A
32.4k
R5B
8.06k
VREF
10?
10?
R : 20m
AC
D1
D
Optional
bq24133
www.ti.com
SLUSAF7B
– DECEMBER 2010 – REVISED MAY 2011
Figure 2. Typical Application Schematic wth Single Cell Unremovable Battery (USB or adapter with input
OVP 15V, up to 2A charge current, 0.2A pre-charge current, 2A adapter current or 500mA USB current,
5
– 40°C TS, system connected before sense resistor)
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
ORDERING NUMBER
QUANTITY
bq24133RGYR
3000
bq24133
bq24133
24-Pin 3.5mm
×5.5mm QFN
bq24133RGYT
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - bq24133RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24133 TI-BQ24133_15 Datasheet
2Mb / 40P
[Old version datasheet]   bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
More results

Similar Description - bq24133RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24133 TI-BQ24133_15 Datasheet
2Mb / 40P
[Old version datasheet]   bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
[Old version datasheet]   bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com